Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 4Page - NXP Semiconductors IMX7DCEC Datasheet HTML 5Page - NXP Semiconductors IMX7DCEC Datasheet HTML 6Page - NXP Semiconductors IMX7DCEC Datasheet HTML 7Page - NXP Semiconductors IMX7DCEC Datasheet HTML 8Page - NXP Semiconductors IMX7DCEC Datasheet HTML 9Page - NXP Semiconductors IMX7DCEC Datasheet HTML 10Page - NXP Semiconductors IMX7DCEC Datasheet HTML 11Page - NXP Semiconductors IMX7DCEC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 161 page
background image
Architectural overview
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
8
2
Architectural overview
The following subsections provide an architectural overview of the i.MX 7Dual processor system.
2.1
Block diagram
Figure 2 shows the functional modules in the i.MX 7Dual processor system.
Figure 2. i.MX 7Dual System block diagram
Debug
DAP
TPIU
CTIs
SJC
Shared Peripherals
Internal Memory
OCRAM 320KB
ROM 96KB
External Memory
DDR Controller
EIM
SPBA
PLLs
CCM
GPC
SRC
XTAL OSC
RC OSC
Timers
System Counter
Camera Interface
CSI
EPD Controller
Image Processing
Security
CSU
OCOTP (eFuse)
Power Management
LDOs
AP Peripherals
KPP
Sensors
Modem IC
EPD Panel
PCIe Bus
Camera
LCD Panel
Tamper
Detection
Keypad
WLAN
Touch Panel
Control
GPMI&BCH
QSPI
MPU
FPU
NAND FLASH
Display Interface
LCDIF
MIPI DSI
Smart DMA
SDMA
RDC
MU
SEMAPHORE
NEON
FPU
Temp Monitor
IOMUX
ADC (2)
LPDDR2/LPDDR3
Battery Ctrl
Device
JTAG
(IEEE1149.6)
Crystal&
Clock Source
NOR Flash
(Parallel)
CAAM
(32KB RAM)
SNVS(SRTC)
NOR FLASH
(Quad SPI)
MIPI CSI(2 lane)
USB OTG
(dev/host)
CAN x2
Pixel Processing
Pipeline(PXP)
Multi-Core Unit
TCM 64KB
I$ 16KB
D$ 16KB
Cortex-M4 Core
ARM Cortex M4
Platform
L2 Cache 512KB
SCU & Timer
I$ 32KB D$ 32KB
CPU0
CPU1
ARM Cortex A7
MPCore Platform
WDOG(4)
GPT(4)
Flex Timer(2)
eCSPI(3)
SAI(3)
UART(3)
GPIO(7)
UART(4)
PWM(4)
eCSPI(1)
I2C(4)
SIMv2(2)
FlexCAN(2)
PCIe v2.1
AVB ENET(2)
uSDHC(3)
Clock & Reset
10/100/1000M
Ethernet x2
MMC/SD
eMMC/eSD
MMC/SD
SDXC
/DDR3/DDR3L
Smart Card x2
OCOTP
Host (1) / OTG (2)
USB 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com