Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 28 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 24Page - NXP Semiconductors IMX7DCEC Datasheet HTML 25Page - NXP Semiconductors IMX7DCEC Datasheet HTML 26Page - NXP Semiconductors IMX7DCEC Datasheet HTML 27Page - NXP Semiconductors IMX7DCEC Datasheet HTML 28Page - NXP Semiconductors IMX7DCEC Datasheet HTML 29Page - NXP Semiconductors IMX7DCEC Datasheet HTML 30Page - NXP Semiconductors IMX7DCEC Datasheet HTML 31Page - NXP Semiconductors IMX7DCEC Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
28
4.1.6
Power modes
The i.MX 7Dual has the following power modes:
• OFF mode: all power rails are off
• SNVS mode: only RTC and tamper detection logic is active
• LPSR mode: an extension of SNVS mode, with 16 GPIOs in low power state retention mode
• RUN Mode: all external power rails are on, CPU is active and running, other internal module can
be on/off based on application;
• Low Power mode (System Idle, Low Power Idle, and Deep Sleep): most external power rails are
still on, CPU is in WFI state or power gated, most of the internal modules are clock gated or power
gated
DRAM_VREF
From PMIC
—
1
mA
NVCC_DRAM_CKE
From PMIC
—
30
mA
NVCC_DRAM
From PMIC
—
—3
mA
1 The actual maximum current drawn from VDDA_1P8_IN is as shown plus any additional current drawn from the
VDDD_1P0_CAP, VDD_1P2_CAP, VDDA_PHY_1P8 outputs, depending on actual application configuration (for example,
VDD_MIPI_1P0, VDD_USB_H_1P2 and PCIE_VP/VPH supplies).
2 General equation for estimated, maximal power consumption of an I/O power supply:
Imax = N  C  V  (0.5  F)
where:
N = Number of I/O pins supplied by the power line
C = Equivalent external capacitive load
V = IO voltage
(0.5  F) = Data change rate, up to 0.5 of the clock rate (F)
In this equation, Imax is in amps, C in farads, V in volts, and F in hertz.
3 The DRAM power consumption is dependent on several factors, such as external signal termination. DRAM power calculators
are typically available from the memory vendors. They take into account factors such as signal termination. See the application
note, i.MX 7DS Power Consumption Measurement (AN5383) for examples of DRAM power consumption during specific use
case scenarios.
Table 12. Maximum supply currents(continued)
Power Rail
Source
Conditions
Max Current
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com