Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 15 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 11Page - NXP Semiconductors IMX7DCEC Datasheet HTML 12Page - NXP Semiconductors IMX7DCEC Datasheet HTML 13Page - NXP Semiconductors IMX7DCEC Datasheet HTML 14Page - NXP Semiconductors IMX7DCEC Datasheet HTML 15Page - NXP Semiconductors IMX7DCEC Datasheet HTML 16Page - NXP Semiconductors IMX7DCEC Datasheet HTML 17Page - NXP Semiconductors IMX7DCEC Datasheet HTML 18Page - NXP Semiconductors IMX7DCEC Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 161 page
background image
Modules list
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
15
uSDHC1
uSDHC2
uSDHC3
SD/MMC and SDXC
Enhanced Multi-Media
Card / Secure Digital Host
Controller
Connectivity
peripherals
i.MX 7Dual SoC characteristics:
All the MMC/SD/SDIO controller IPs are based on the
uSDHC IP. They are designed to be:
• Fully compatible with MMC command/response sets
and Physical Layer as defined in the Multimedia
Card System Specification,
v5.0/v4.4/v4.41/v4.4/v4.3/v4.2.
• Fully compatible with SD command/response sets
and Physical Layer as defined in the SD Memory
Card Specifications v 3.0 including high-capacity
SDXC cards up to 2 TB.
• Fully compatible with SDIO command/response sets
and interrupt/Read-Wait mode as defined in the
SDIO Card Specification, Part E1, v. 3.0
All the ports support:
• 1-bit or 4-bit transfer mode specifications for SD and
SDIO cards up to UHS-I SDR104 mode (104 MB/s
max)
• 1-bit, 4-bit, or 8-bit transfer mode specifications for
MMC cards up to 200 MHz in both SDR and DDR
modes, including HS200 and HS400.
However, the SoC level integration and I/O muxing logic
restrict the functionality to the following:
• uSDHC1 and uSDHC2 are primarily intended to
serve as external slots or interfaces to on-board
SDIO devices. These ports are equipped with “Card
detection” and “Write Protection” pads and do not
support hardware reset.
• uSDHC3 is primarily intended to serve interfaces to
embedded MMC memory or interfaces to on-board
SDIO devices. These ports do not have “Card
detection” and “Write Protection” pads and do
support hardware reset.
• All ports can work with 1.8 V and 3.3 V cards. There
are two completely independent I/O power domains
for uSDHC1 and uSDHC2 in 4-bit configuration (SD
interface). uSDHC3 is placed in his own independent
power domain.
USBOTG2
2x USB 2.0 High Speed
OTG and HSIC USB
Connectivity
peripherals
USBOTG2 contains:
• Two high-speed OTG modules with integrated HS
USB PHYs
• One high-speed Host module connected to HSIC
USB port.
Table 2. i.MX 7Dual modules list(continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com