Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 50 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 46Page - NXP Semiconductors IMX7DCEC Datasheet HTML 47Page - NXP Semiconductors IMX7DCEC Datasheet HTML 48Page - NXP Semiconductors IMX7DCEC Datasheet HTML 49Page - NXP Semiconductors IMX7DCEC Datasheet HTML 50Page - NXP Semiconductors IMX7DCEC Datasheet HTML 51Page - NXP Semiconductors IMX7DCEC Datasheet HTML 52Page - NXP Semiconductors IMX7DCEC Datasheet HTML 53Page - NXP Semiconductors IMX7DCEC Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
50
Figure 8. Differential LVDS driver transition time waveform
Table 39 shows the AC parameters for clock I/O.
Table 39. I/O AC Parameters of LVDS Pad
Symbol
Parameter
Test conditions
Min Typ Max Unit Notes
Tphld
Output Differential propagation delay high to low Rload=100  between padp and
padn,
Cload = 2pF
—
— 0.61 ns
1
1 At WCS, 125C, 1.62 V ovdd, 0.9 V vddi. Measurement levels are 50-50%. Output differential signal measured.
Tplhd
Output Differential propagation delay low to high
—
— 0.61
Ttlh
Output Transition time low to high
—
— 0.17
2
2 WCS, 125C, 1.62 V ovdd, 0.9 V vddi. Measurement levels are 20-80%. Output differential signal measured
Tthl
Output Transition time high to low
—
— 0.17
Tphlr
Input Differential propagation delay high to low
Rload=100  between padp and
padn, Cload on ipp_ind=0.1 pF
—
— 0.33 ns
3
3 At WCS, 125C, 1.62 V ovdd, 0.9 V vddi. Measurement levels are 50-50%.
Tplhr
Input Differential propagation delay low to high
—
— 0.33
Ttx
Transmitter startup time (ipp-obe low to high)
—
—
—
40
ns
4
4 TX startup time is defined as the time taken by transmitter for settling after its ipp_obe has been asserted. It is to stabilize the
current reference. Functionality is guaranteed only after the startup time
F
Operating frequency
—
— 500 1000 MHz
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com