Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 37Page - NXP Semiconductors P83CL882 Datasheet HTML 38Page - NXP Semiconductors P83CL882 Datasheet HTML 39Page - NXP Semiconductors P83CL882 Datasheet HTML 40Page - NXP Semiconductors P83CL882 Datasheet HTML 41Page - NXP Semiconductors P83CL882 Datasheet HTML 42Page - NXP Semiconductors P83CL882 Datasheet HTML 43Page - NXP Semiconductors P83CL882 Datasheet HTML 44Page - NXP Semiconductors P83CL882 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
2001 Jun 19
41
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6.6.4.2
T2MOD.DCEN = 1: T2EX = 1: counting up
The HIGH value of the external trigger input T2EX sets
Timer 2 to a count-up mode. In the Auto-reload mode and
counting up, registers T2RCH/T2RCL are used to hold
a reload value for T2H/T2L. Overflowing of Timer 2 causes
the value in T2RCH/T2RCL to be reloaded in the T2H/T2L
registers, sets bit T2CON.TF2 and toggles bit
T2CON.EXF2 (T2CON.EXF2 can be used as 17th bit if
desired). Timer 2 interrupt will be set if TF2 is set.
6.6.4.3
T2MOD.DCEN = 1: T2EX = 0: counting down
The LOW value of the external trigger input T2EX sets
Timer 2 to a count down mode.
In the Auto-reload mode and counting down, registers
T2RCH/T2RCL are used to hold a value for detecting an
underflow of T2H/T2L. Underflow occurs if the contents of
T2H/T2L matches the contents of T2RCH/T2RCL. Upon
underflow, bit TF2 will be set and registers T2H/T2L will be
loaded with FFFFH, bit T2CON.TF2 is set and bit
T2CON.EXF2 toggles (T2CON.EXF2 can be used as
17th bit if desired).
Note that a Timer 2 roll over from 0000H to FFFFH is not
considered as an underflow (only when
T2RCH/T2RCL = 0000H). Timer 2 interrupt will be set if
TF2 is set.
The Auto-reload mode (DCEN = 1) is shown in Fig.21.
MGT296
T2L
TR2
control
T2H
TF2
down count reload value
upcount reload value
T2RCL
T2RCH
FFH
FFH
EXF2
toggle
T2EX: 1 = count up
0 = count down
Timer 2
interrupt
C/ T2 = 1
T2
fpsc
C/ T2 = 0
Fig.21 Timer 2 in Auto-reload mode (DCEN = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com