Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 3Page - NXP Semiconductors P83CL882 Datasheet HTML 4Page - NXP Semiconductors P83CL882 Datasheet HTML 5Page - NXP Semiconductors P83CL882 Datasheet HTML 6Page - NXP Semiconductors P83CL882 Datasheet HTML 7Page - NXP Semiconductors P83CL882 Datasheet HTML 8Page - NXP Semiconductors P83CL882 Datasheet HTML 9Page - NXP Semiconductors P83CL882 Datasheet HTML 10Page - NXP Semiconductors P83CL882 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
2001 Jun 19
7
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6
FUNCTIONAL DESCRIPTION
6.1
Oscillator circuitry
The on-chip Amplitude Controlled Oscillator (ACO)
circuitry is a single-stage inverting amplifier biased by an
internal feedback resistor Rfb. The oscillator circuit is
shown in Fig.3.
Two comparators with different characteristics can be
used with the on-chip crystal oscillator. The first one is an
analog comparator built around a differential amplifier and
is intended to be selected when an external ceramic or
crystal resonator is connected to the chip.
The other comparator has a Schmitt trigger input with
a bigger hysteresis which is especially useful when the
P83CL882 is driven from an external clock source.
Two bits in the SYSCON SFR: SELECT and XTM, are
used to configure the oscillator. The SELECT bit
(SYSCON.1) enables the analog comparator or the
hysteresis comparator.
With XTM (SYSCON.0) = 1 (or in Power-down mode;
PCON.1 = 1) the oscillator is switched off and the current
consumption of the oscillator is reduced to zero.
Table 2
Comparator select bits in SYSCON SFR
6.1.1
CLOCK OSCILLATOR CONNECTIONS
No external components are needed when a quartz crystal
is used to drive the oscillator. When an external ceramic
resonator is used to drive the oscillator, external
components may be required depending upon the ceramic
resonator type; refer to the product specification. Two
different resonator configurations are shown in
Figs 4a and 4b.
To drive the device with an external clock source, apply the
external clock signal to XTAL1, and leave XTAL2 floating,
as shown in Fig.4c. If the amplitude of the input signal is
less than VDD to VSS or if a sine wave is applied, capacitive
decoupling is needed as shown in Fig.4d.
SELECT
XTM
DESCRIPTION
0
0
oscillator enabled; analog comparator
enabled
0
1
don’t use
1
0
oscillator enabled; hysteresis
comparator enabled
1
1
oscillator stopped; hysteresis
comparator enabled
XTAL2
SELECT
XTAL1
XTM
Rfb
enable
enable
ANACOMP
enable
HYSTCOMP
PSC1
fpsc
PSC2
fper
fosc
MGT281
Fig.3 Oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com