Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 14Page - NXP Semiconductors P83CL882 Datasheet HTML 15Page - NXP Semiconductors P83CL882 Datasheet HTML 16Page - NXP Semiconductors P83CL882 Datasheet HTML 17Page - NXP Semiconductors P83CL882 Datasheet HTML 18Page - NXP Semiconductors P83CL882 Datasheet HTML 19Page - NXP Semiconductors P83CL882 Datasheet HTML 20Page - NXP Semiconductors P83CL882 Datasheet HTML 21Page - NXP Semiconductors P83CL882 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
2001 Jun 19
18
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6.2.3.3
Power Control Register (PCON)
The reduced power modes are activated by software using this special function register. PCON is not bit addressable.
The reset value of PCON = 0000 0000.
Table 10 Power Control Register (SFR address 87H)
Bits PCON[7:2] are reserved and must be kept to logic 0.
Table 11 Reduced power modes selection
6.2.4
CPU START-UP TIMING
6.2.4.1
CPU start-up after reset
Three possibilities on how the CPU can start executing code after a reset phase are described below.
When the CPU is triggered to wake-up after a power-on reset (see Fig.8), the clock oscillator usually needs some time
to ramp up. To allow the oscillator to stabilize the CPU contains a down counter for a fixed delay of 1024 + 16 clock
cycles. After this delay the CPU starts with code execution.
When CPU start-up is initiated from an external reset (see Fig.9), the down counter is not initialized and the time between
reset going active and first code execution can be maximum 16400 clock cycles.
When a CPU start-up is after a Watchdog Timer reset (see Fig.8), the RST pin will be pulled low for 1024 clock cycles.
Another 16 clocks later the CPU will start executing code.
6.2.4.2
CPU start-up after power-down
After wake-up from Power-down mode (see Fig.10) the user has the possibility to shorten the start-up time by
programming the Wake-up Counter Register (WKCON). This can be useful when an external clock source is used
instead of the on-chip oscillator, or when the accuracy of the time reference is not needed immediately after a restart.
This feature enables power saving and fast wake-up in applications where the CPU frequently goes into Power-down
mode. The wake-up delay can be calculated as shown in Table 13.
76543210
000000
PD
IDL
PD
IDL
DESCRIPTION
0
0
CPU running
0
1
activates the Idle mode
1
0
activates the Power-down mode
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com