Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 76Page - NXP Semiconductors P83CL882 Datasheet HTML 77Page - NXP Semiconductors P83CL882 Datasheet HTML 78Page - NXP Semiconductors P83CL882 Datasheet HTML 79Page - NXP Semiconductors P83CL882 Datasheet HTML 80Page - NXP Semiconductors P83CL882 Datasheet HTML 81Page - NXP Semiconductors P83CL882 Datasheet HTML 82Page - NXP Semiconductors P83CL882 Datasheet HTML 83Page - NXP Semiconductors P83CL882 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
2001 Jun 19
80
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
0
(1)
(2)
12
4
4
3
IDD(pd)
(
µA)
1
0
2
3
VDD (V)
MBL262
Fig.43 Typical Power-down current as a function
of VDD.
(1) Tamb =70 °C
(2) Tamb =25 °C
handbook, full pagewidth
MGL506
0.5VDD
0.3VDD
VDD
0
IIL(T)
IIL
II
500
µA
10
µA
Fig.44 Port input current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com