Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 45Page - NXP Semiconductors P83CL882 Datasheet HTML 46Page - NXP Semiconductors P83CL882 Datasheet HTML 47Page - NXP Semiconductors P83CL882 Datasheet HTML 48Page - NXP Semiconductors P83CL882 Datasheet HTML 49Page - NXP Semiconductors P83CL882 Datasheet HTML 50Page - NXP Semiconductors P83CL882 Datasheet HTML 51Page - NXP Semiconductors P83CL882 Datasheet HTML 52Page - NXP Semiconductors P83CL882 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
2001 Jun 19
49
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6.8.3
ADDRESS REGISTER (S1ADR)
The CPU can read from and write to this 8-bit SFR. S1ADR is not affected by the SIO1 hardware. The contents of this
register are irrelevant when SIO1 is in a Master mode.
In the Slave modes, the seven most significant bits must be loaded with the microcontrollers own slave address, and, if
the least significant bit is set, the general call address (00H) is recognized; otherwise it is ignored. Reset initializes
S1ADR to 00H.
Table 62 Address Register (SFR address DBH)
Table 63 Description of S1ADR bits
6.8.4
SERIAL STATUS REGISTER (S1STA)
S1STA is an 8-bit read-only Special Function Register. The three least significant bits are always zero. The five most
significant bits contain the status code. There are 26 possible status codes. When S1STA contains F8H, no relevant
state information is available and no serial interrupt is requested. Reset initializes S1STA to F8H. All other S1STA values
correspond to defined SIO1 states. When each of these states is entered, a serial interrupt is requested (SI = 1).
The status codes for all possible modes of the I2C-bus interface are given in Table 66.
The contents of this register may be used as a vector to a service routine. This optimizes the response time of the
software and consequently that of the I2C-bus. S1STA is a read-only register.
Table 64 Serial Status Register (SFR address D9H)
Table 65 Description of S1STA bits
76543210
SLA6
SLA5
SLA4
SLA3
SLA2
SLA1
SLA0
GC
BIT
SYMBOL
DESCRIPTION
7 to 1
SLA[6:0]
These bits correspond to the 7-bit slave address which will be recognized on the
incoming data stream from the I2C-bus; when the slave address is detected and the
interface is enabled, a serial interrupt will be generated to the CPU.
0
GC
This bit is used to determine whether the general CALL address is recognized. When a
logic 0, the general CALL address is not recognized; when a logic 1, the general CALL
address is recognized.
76543210
SC4
SC3
SC2
SC1
SC0
0
0
0
BIT
SYMBOL
DESCRIPTION
3 to 7
SC[4:0]
5-bit status code
0to2
−
these three bits are held LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com