Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 70Page - NXP Semiconductors P83CL882 Datasheet HTML 71Page - NXP Semiconductors P83CL882 Datasheet HTML 72Page - NXP Semiconductors P83CL882 Datasheet HTML 73Page - NXP Semiconductors P83CL882 Datasheet HTML 74Page - NXP Semiconductors P83CL882 Datasheet HTML 75Page - NXP Semiconductors P83CL882 Datasheet HTML 76Page - NXP Semiconductors P83CL882 Datasheet HTML 77Page - NXP Semiconductors P83CL882 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
2001 Jun 19
74
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
10 LIMITING VALUES
According to the Absolute Maximum Ratings System (IEC 60134); note 1.
Notes
1. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to
VSS unless otherwise specified.
2. May not exceed the limiting value for VDD.
3. According to SNW-FQ-302A: C = 100 pF; R = 1.5 kW.
4. According to SNW-FQ-302B: C = 200 pF; L = 0.75 mH.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+4.6
V
VI
input voltage
note 2
−0.5
VDD + 0.5 V
II/O
maximum sink/source current for each
input/output pin
−±10
mA
IDD
maximum supply current for any supply pin
−
50
mA
Ves
electrostatic handling voltage
human body model; note 3
−
2000
V
machine model; note 4
−
175
V
Ptot
total power dissipation
−
100
mW
Tstg
storage temperature
−55
+125
°C
Tamb
operating ambient temperature (for all
devices)
−25
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com