Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 10Page - NXP Semiconductors P83CL882 Datasheet HTML 11Page - NXP Semiconductors P83CL882 Datasheet HTML 12Page - NXP Semiconductors P83CL882 Datasheet HTML 13Page - NXP Semiconductors P83CL882 Datasheet HTML 14Page - NXP Semiconductors P83CL882 Datasheet HTML 15Page - NXP Semiconductors P83CL882 Datasheet HTML 16Page - NXP Semiconductors P83CL882 Datasheet HTML 17Page - NXP Semiconductors P83CL882 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
2001 Jun 19
14
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6.2
The CPU
6.2.1
GENERAL
Ultra Low Power (ULP), points to the special 80C51 CPU
architecture used in this device allowing significant power
saving.
The CPU of the P83CL882 is realized in the Philips
exclusive asynchronous handshaking technology, which is
completely different to usual implementations of this core.
The processor does not need a clock signal to run
instructions. Every function within the CPU is self timed
and always runs at the maximum speed that the silicon die
under the current operating conditions allows (supply
voltage and temperature). The advantage is the
combination of a high computing power with reduced
average power consumption and low EMC noise
generation. Details about speed and energy consumption
per instruction can be found in Chapter 8.
Summary of the CPU features:
• No CPU clock is needed
• Only useful bytes are fetched from the program
memory; the dummy read cycles which exist in the
standard 80C51 have been eliminated to save power
• To further speed up the program execution; there is
always a pre-fetch of the next byte of code from memory
during the execution of the current instruction; in the
case of a jump the pre-fetched byte is discarded
• In Idle mode the CPU power is reduced to leakage; only
the enabled peripheral blocks consume power but can
be switched off independently
• The only need for a clock is as a timing reference for
timers/counters and to generate the timing for the
I/O lines to synchronise with the off-chip world.
6.2.2
RESET OPERATION
There are two possibilities to reset the CPU (see Fig.7):
• Watchdog Timer reset
• External reset via I/O pin RST.
If an internal reset is executed (Watchdog Timer), the reset
pin RST will be pulled to ground which can be used as
reset signal for other ICs. The reset pin is LOW for at least
1024 clock cycles, and released 16 clock cycles prior to
first code fetch (see Figs 8 and 9).
handbook, full pagewidth
internal
reset
WATCHDOG
TIMER
Rpu
VSS
VDD
RST
(external
reset)
LOGIC
MGU267
Fig.7 Reset sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com