Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 26Page - NXP Semiconductors P83CL882 Datasheet HTML 27Page - NXP Semiconductors P83CL882 Datasheet HTML 28Page - NXP Semiconductors P83CL882 Datasheet HTML 29Page - NXP Semiconductors P83CL882 Datasheet HTML 30Page - NXP Semiconductors P83CL882 Datasheet HTML 31Page - NXP Semiconductors P83CL882 Datasheet HTML 32Page - NXP Semiconductors P83CL882 Datasheet HTML 33Page - NXP Semiconductors P83CL882 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
2001 Jun 19
30
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
Table 35 Port I/O configuration types
‘n’ indicates the specific port number (0, 1, 3 and 4).
Table 36 Reset state of port related SFRs
Note
1. This means all ports, except P0.2, P0.3, P0.4, P1.6 and P1.7 are initialized in standard port configuration driving a
weak logic 1. Port 0.2 and P0.3 are initialised as open-drain outputs, floating. P0.4 is initialised as bidirectional,
driving a strong logic 0. I2C-bus I/Os P1.6 and P1.7 are initialised in open-drain configuration, floating. The
configuration registers (P1CFGA.7 to 6 and P1CGB.7 to 6) are however configured as standard port configuration
but the connections to the port PMOS transistors are not present.
TYPE
PnCFGA
PnCFGB
NORMAL PORTS
I2C-BUS PORTS
Open-drain
0
0
open-drain
open-drain
Standard port
1
0
quasi-bidirectional
open-drain
High-impedance input
0
1
high-impedance input
high-impedance input
Push-pull
1
1
push-pull
open-drain
SFR
DESCRIPTION
SFR ADDRESS
(HEX)
STATE AFTER RESET(1)
P0
Port 0 output data
80
1110 1111
P0CFGA
Port 0 Configuration A
8E
1111 0011
P0CFGB
Port 0 Configuration B
8F
0000 0000
P1
Port 1 output data
90
1111 1111
P1CFGA
Port 1 Configuration A
9E
1111 1111
P1CFGB
Port 1 Configuration B
9F
0000 0000
P3
Port 3 output data
B0
1111 1111
P3CFGA
Port 3 Configuration A
BE
1111 1111
P3CFGB
Port 3 Configuration B
BF
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com