Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 25Page - NXP Semiconductors P83CL882 Datasheet HTML 26Page - NXP Semiconductors P83CL882 Datasheet HTML 27Page - NXP Semiconductors P83CL882 Datasheet HTML 28Page - NXP Semiconductors P83CL882 Datasheet HTML 29Page - NXP Semiconductors P83CL882 Datasheet HTML 30Page - NXP Semiconductors P83CL882 Datasheet HTML 31Page - NXP Semiconductors P83CL882 Datasheet HTML 32Page - NXP Semiconductors P83CL882 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
2001 Jun 19
29
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6.4
Port control logic
Four 8-bit I/O ports are implemented in the device. Some
of these general purpose I/Os are multiplexed with
alternative functions. Port 0 is the only port with no
multiplexed alternative functions. Port 3 and a part of
Port 1 are multiplexed with analog functions. Every port bit
can be independently configured in 4 different modes.
6.4.1
PORT FUNCTIONALITY
Port 0 8-bit bidirectional I/O port with no alternative
functions. Every port pin can be used as
open-drain, standard port, high-impedance input or
push-pull output. Port 0 is used during emulation
mode.
Port 1 8-bit bidirectional I/O port with alternative functions.
Every port, except P1.6 and P1.7 can be used as
open-drain, standard port, high-impedance input or
push-pull output.
• P1.0 to P1.7 provides the inputs for the external
interrupts INT2 to INT9; the interrupts are
enabled by selecting the proper bit in the
interrupts enable register
• P1.1 and P1.2 provide the Timer 2 external
trigger input (T2EX) and the Timer 2 external
count input (T2)
• P1.4 provides the clock output CLKOUT
(fpsc or fper)
• P1.5 provide the Timer 2 clock output of the
clock-output mode (T2OUT); to enable output the
data SFR must contain logic 1s
• P1.6 and P1.7 provide the I2C-bus clock and
data I/O, SCL and SDA. P1.6 and P1.7 can only
be configured as open-drain output or
high-impedance input; there is no clamp diode to
VDD.I2C-bus signals are connected to the port if
bit ENS1 (S1CON SFR) is set to logic 1.
Port 2 Not used.
Port 3 8-bit bidirectional I/O port with alternative functions.
Every port can be used as open-drain, standard
port, high-impedance input or push-pull output.
• P3.0 to P3.2 provide the MSK output signals
MOUT0, MOUT1 and MOUT2
• P3.4 also provides the Timer 0 external clock
input
• P3.5 also provides the Timer 1 external clock
input.
6.4.2
PORT I/O CONFIGURATION
Each port bit consists of a data latch, two configuration
latches, an output driver and an input buffer. The I/O port
configurations are determined by the settings in the port
configuration SFRs, PnCFGA and PnCFGB, where ‘n’
indicates the specific port number (0, 1, 3 and 4). The
combination of 2 bits in each of the 2 configuration SFRs
relates to the output setting for the corresponding port pin,
allowing any combination of the 4 I/O modes to be mixed
on those port pins. The port I/O configuration types are
shown in Fig.14 and described in
Sections 6.4.2.1 to 6.4.2.4.
6.4.2.1
Open-drain
Quasi-bidirectional I/O with n-channel open-drain output.
Use as an output requires the connection of an external
pull-up resistor; all pins have ESD protection diodes
against VDD and VSS, except for the I2C-bus pins P1.6 and
P1.7, which have no ESD protection to VDD.
6.4.2.2
Standard port
Quasi-bidirectional I/O with pull-up; the strong pull-up ‘p1’
is turned on for three clock (fosc) edges after a
LOW-to-HIGH transition in the port latch; after these three
clock edges the port is only weakly driven through ‘p2’ and
‘very weakly’ driven through ‘p3’ (see Fig.14b).
6.4.2.3
High-impedance input
This mode turns off all output drivers on a port. The pin will
not source or sink current and may be used as an
input-only pin. (see Fig.14c). In order not to increase the
current consumption the high-impedance input should not
float.
6.4.2.4
Push-pull
Output with drive capability in both polarities; under this
mode, pins can only be used as outputs (see Fig.14d).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com