Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 75Page - NXP Semiconductors P83CL882 Datasheet HTML 76Page - NXP Semiconductors P83CL882 Datasheet HTML 77Page - NXP Semiconductors P83CL882 Datasheet HTML 78Page - NXP Semiconductors P83CL882 Datasheet HTML 79Page - NXP Semiconductors P83CL882 Datasheet HTML 80Page - NXP Semiconductors P83CL882 Datasheet HTML 81Page - NXP Semiconductors P83CL882 Datasheet HTML 82Page - NXP Semiconductors P83CL882 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
2001 Jun 19
79
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
handbook, halfpage
−50
100
4
IDD
(mA)
0
1
MGW044
2
3
−25
0
255075
Tamb (°C)
Fig.39 Typical operating current as a function of
Tamb, VDD = 3.0 V; 100% CPU load (mean
value over all instructions).
handbook, halfpage
1.5
IDD
(
µA)
0
100
MGW045
200
400
300
2
2.5
3
3.5
4
VDD (V)
Fig.40 Typical Idle current as a function of VDD,
Tamb =25 °C; fosc = 4 MHz (crystal).
handbook, halfpage
−50
100
400
IDD
(
µA)
0
100
MGW046
200
300
−25
0
255075
Tamb (°C)
Fig.41 Typical Idle current as a function of Tamb,
VDD = 3.0 V; fosc = 4 MHz (crystal).
handbook, halfpage
0
IDD
(
µA)
0
100
MGW047
200
400
300
246
10
812
fosc (MHz)
Fig.42 Typical Idle current as a function of
oscillator (crystal) frequency, VDD = 3.0 V;
Tamb =25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com