Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 42Page - NXP Semiconductors P83CL882 Datasheet HTML 43Page - NXP Semiconductors P83CL882 Datasheet HTML 44Page - NXP Semiconductors P83CL882 Datasheet HTML 45Page - NXP Semiconductors P83CL882 Datasheet HTML 46Page - NXP Semiconductors P83CL882 Datasheet HTML 47Page - NXP Semiconductors P83CL882 Datasheet HTML 48Page - NXP Semiconductors P83CL882 Datasheet HTML 49Page - NXP Semiconductors P83CL882 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
2001 Jun 19
46
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6.8.1
SERIAL CONTROL REGISTER (S1CON)
The CPU can read from and write to this 8-bit SFR. Two bits are affected by the SIO1 hardware: the SI bit is set when a
serial interrupt is requested, and the STO bit is cleared when a STOP condition is present on the I2C-bus. The STO bit
is also cleared when ENS1 = 0. Reset initializes S1CON to 00H.
Table 57 Serial Control Register (SFR address D8H)
Table 58 Description of S1CON bits
76543210
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
BIT
SYMBOL
DESCRIPTION
7
CR2
This bit along with bits CR1 and CR0 determines the serial clock frequency when SIO is
in the Master mode; see Table 59. When CR2 = 0 the I2C-bus is in fast mode.
6
ENS1
ENABLE serial I/O. When ENS1 = 0, the serial I/O is disabled. SDA and SCL outputs
are in the high-impedance state; P1.6 and P1.7 function as open-drain ports. When
ENS1 = 1, the serial I/O is enabled. Output port latches P1.6 and P1.7 must be set to
logic 1; note 1.
5STA
START flag. When this bit is set in Slave mode, the SIO hardware checks the status of
the I2C-bus and generates a START condition if the bus is free or after the bus becomes
free. If STA is set while the SIO is in Master mode, SIO will generate a repeated START
condition. ENS1 should not be used to temporarily release SIO1 from the I2C-bus since,
when ENS1 is reset, the I2C-bus status is lost. The AA flag should be used instead.
4STO
STOP flag. When the STO bit is set while SIO1 is in a Master mode, a STOP condition
is transmitted to the I2C-bus. When the STOP condition is detected on the bus, the SIO1
hardware clears the STO flag. In a Slave mode, the STO flag may be set to recover from
an error condition. In this case, no STOP condition is transmitted to the I2C-bus.
However, the SIO1 hardware behaves as if a STOP condition has been received and
switches to the defined ‘not addressed’ Slave receiver mode. The STO flag is
automatically cleared by the hardware.
If the STA and STO bits are both set, the STOP condition is transmitted to the I2C-bus if
SIO1 is in a Master mode (in a Slave mode, SIO1 generates an internal STOP condition
which is not transmitted). SIO1 then transmits a START condition. When the STO bit is
reset, no STOP condition will be generated.
3SI
SIO interrupt flag. This flag is set, and an interrupt is generated, after any of the
following events occur:
• A start condition is generated in Master mode
• Own slave address has been received during AA = 1
• The general call address has been received while S1ADR0 = 1 and AA = 1
• A data byte has been received or transmitted in Master mode (even if arbitration is lost)
• A data byte has been received or transmitted as selected slave
• A STOP or START condition is received as selected slave receiver or transmitter.
If this flag is set, the I2C-bus is halted (by pulling down SCL). Received data is only valid
until this flag is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com