Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 32Page - NXP Semiconductors P83CL882 Datasheet HTML 33Page - NXP Semiconductors P83CL882 Datasheet HTML 34Page - NXP Semiconductors P83CL882 Datasheet HTML 35Page - NXP Semiconductors P83CL882 Datasheet HTML 36Page - NXP Semiconductors P83CL882 Datasheet HTML 37Page - NXP Semiconductors P83CL882 Datasheet HTML 38Page - NXP Semiconductors P83CL882 Datasheet HTML 39Page - NXP Semiconductors P83CL882 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
2001 Jun 19
36
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
Table 42 Timer 0 and Timer 1 mode select
n=0or1.
6.5.5
SYSTEM CONTROL REGISTER (SYSCON)
Table 43 System Control Register (SFR address B4H; reset value = 0000 0000)
Table 44 Description of SYSCON bits
Table 45 Timer 1 input source select modes
Table 46 Timer 0 input source select modes
M1
M0
DESCRIPTION
00
8048-type timer. TLn serves as 5-bit prescaler
01
16-bit Timer/Counter. THn and TLn are cascaded; there is no prescaler
10
8-bit auto-reload timer/counter. THn holds a value which is to be reloaded into TLn
each time it overflows.
11
Timer 0. TL0 is an 8-bit timer/counter controlled by the standard Timer 0 control bits;
TH0 is an 8-bit timer only controlled by Timer 1 control bits.
Timer 1. Timer/Counter 1 stopped.
76543210
T1SRC1
T1SRC0
T0SRC1
T0SRC0
−−
SELECT
XTM
BIT
SYMBOL
DESCRIPTION
7
T1SRC1
Timer 1 clock source select bit 1 and 0; see Table 45
6
T1SRC0
5
T0SRC1
Timer 0 clock source select bit 1 and 0; see Table 46
4
T0SRC0
3
−
do not use
2
−
1
SELECT
comparator select bit; see Section 6.1
0
XTM
oscillator disable bit; see Section 6.1
T1SRC1
T1SRC0
DESCRIPTION
00
fpsc is the Timer 1 clock input
0
1
T1 is the Timer 1 clock input
1
0
the ROMreq signal is the Timer 1 clock input
11
fper is the Timer 1 clock input
T0SRC1
T0SRC0
DESCRIPTION
00
fpsc is the Timer 0 clock input
0
1
T0 is the Timer 0 clock input
1
0
the instruction request signal is the Timer 0 clock input
11
fper is the Timer 0 clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com