Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 5Page - NXP Semiconductors P83CL882 Datasheet HTML 6Page - NXP Semiconductors P83CL882 Datasheet HTML 7Page - NXP Semiconductors P83CL882 Datasheet HTML 8Page - NXP Semiconductors P83CL882 Datasheet HTML 9Page - NXP Semiconductors P83CL882 Datasheet HTML 10Page - NXP Semiconductors P83CL882 Datasheet HTML 11Page - NXP Semiconductors P83CL882 Datasheet HTML 12Page - NXP Semiconductors P83CL882 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
2001 Jun 19
9
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6.1.2
RESONATOR REQUIREMENTS FOR THE ACO
In Fig.5a the complete Pierce type oscillator is shown,
while Fig.5b presents the corresponding equivalent circuit
used for calculations.
At the resonance frequency the behaviour of a crystal
resonator can be approximated by its equivalent circuit, as
shown in Fig.5b. The values of the components Rs, L, Cs
and Co in the crystal equivalent circuit are usually specified
in the data sheet of the crystal supplier.
The inverting amplifier is replaced by its equivalent circuit,
the current source with the transconductance gm and the
output impedance Rg; as shown in Fig.5b.
With some calculation the condition below can be found,
which estimates a minimal value for gm of the inverter
which is required for the oscillation:
Where
and
Rf is an internal bias resistor, and Cf stands for all of the
parasitic capacitors parallel to the gate, from input to the
output. Parasitic capacitors from input or output to ground
are included with C1 or C2. The input impedance of a
CMOS gate is high and can be neglected. It is advised to
keep the wiring between chip and resonator as short as
possible.
g
m
4R
s
ω
o
2
C
p
2
4
R
f
-----
1
R
g
-------
++
×
×
×
≥
C
p
C
o
C
f
C
e
2
-------
++
=
C
1
C
2
C
e
==
handbook, halfpage
MBL311
C2
C1
XTAL1
XTAL2
−gm
handbook, halfpage
MBL310
Rs
Rf
Rg
Ig = −gm × VI
C2
C1
Cf
VI
XTAL1
XTAL2
L
Cs
Co
a. Crystal oscillator.
b. Crystal oscillator equivalent circuit.
Fig.5 Crystal oscillator and its equivalent circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com