Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 43Page - NXP Semiconductors P83CL882 Datasheet HTML 44Page - NXP Semiconductors P83CL882 Datasheet HTML 45Page - NXP Semiconductors P83CL882 Datasheet HTML 46Page - NXP Semiconductors P83CL882 Datasheet HTML 47Page - NXP Semiconductors P83CL882 Datasheet HTML 48Page - NXP Semiconductors P83CL882 Datasheet HTML 49Page - NXP Semiconductors P83CL882 Datasheet HTML 50Page - NXP Semiconductors P83CL882 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
2001 Jun 19
47
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
Note
1. If the serial I/O is not enabled (ENS1), the clock to the serial I/O is switched off for power saving.
Table 59 Selection of the serial clock frequency in the Master mode of operation
Bit rates greater than 400 kHz are outside the specified frequency range.
2AA
Assert acknowledge. When this bit is set, an acknowledge (LOW level to SDA) is
returned during the acknowledge clock pulse on the SCL line when:
• Own slave address is received
• General call address is received (S1ADR.0 = 1)
• A data byte is received while the device is programmed to be a master receiver
• A data byte is received while the device is a selected slave receiver.
When SIO1 is in the addressed Slave transmitter mode, state C8H will be entered after
the last serial bit is transmitted. When SI is cleared, SIO1 leaves state C8H, enters the
not addressed Slave receiver mode, and the SDA line remains at a HIGH level. In state
C8H, the AA flag can be set again for future address recognition.
When SIO1 is in the not addressed Slave mode, its own slave address and the general
call address are ignored. Consequently, no acknowledge is returned, and a serial
interrupt is not requested. Thus, SIO1 can be temporarily released from the I2C-bus
while the bus status is monitored. While SIO1 is released from the bus, START and
STOP conditions are detected, and serial data is shifted in. Address recognition can be
resumed at any time by setting the AA flag. If the AA flag is set when the parts own
slave address or the general call address has been partly received, the address will be
recognized at the end of the byte transmission.
When this bit is reset, no acknowledge is returned. Consequently, no interrupt is
requested when the own slave address or general call address is received.
1
CR1
These two bits along with the CR2 bit determine the serial clock frequency when SIO is
in the Master mode; see Table 59.
0
CR0
CR2
CR1
CR0
fper DIVISOR
BIT RATE (kHz) AT fper
3.58 MHz
4 MHz
6 MHz
0
0
0
10
358
400
(600)
0
0
1
20
179
200
300
0
1
0
30
119.33
133
199.5
0
1
1
40
89.5
100
150
1
0
0
80
44.75
50
75
1
0
1
120
29.83
33
49.5
1
1
0
160
22.38
25
37.5
1
1
1
not valid selection
−−−
BIT
SYMBOL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com