Electronic Components Datasheet Search
  English  ▼

X  

P83CL882 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P83CL882
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P83CL882 Datasheet HTML 23Page - NXP Semiconductors P83CL882 Datasheet HTML 24Page - NXP Semiconductors P83CL882 Datasheet HTML 25Page - NXP Semiconductors P83CL882 Datasheet HTML 26Page - NXP Semiconductors P83CL882 Datasheet HTML 27Page - NXP Semiconductors P83CL882 Datasheet HTML 28Page - NXP Semiconductors P83CL882 Datasheet HTML 29Page - NXP Semiconductors P83CL882 Datasheet HTML 30Page - NXP Semiconductors P83CL882 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
2001 Jun 19
27
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6.3.10
INTERRUPT REQUEST FLAG REGISTER 1 (IRQ1)
Table 28 Interrupt Request Flag Register 1 (SFR address C0H)
Table 29 Description of IRQ1 bits
6.3.11
INTERRUPT POLARITY AND SENSITIVITY REGISTERS
6.3.11.1
Interrupt Polarity Register 1 (IX1)
Writing either a logic 1 or logic 0 to any Interrupt Polarity Register bit sets the polarity of the corresponding external
interrupt. If the interrupt sensitivity bit (ISE1 register, Section 6.3.11.2) is set to ‘level’ sensitive then a logic 1 corresponds
to active HIGH level and logic 0 to active LOW level. If the ISE1 register is set to ‘edge’ sensitive then a logic 1
corresponds to a rising edge and a logic 0 to a falling edge. See also Table 34 and Fig.12.
Table 30 Interrupt Polarity Register 1 (SFR address E9H)
Table 31 Description of IX1 bits
76543210
IQ9
IQ8
IQ7
IQ6
IQ5
IQ4
IQ3
IQ2
BIT
SYMBOL
DESCRIPTION
7
IQ9
external interrupt 9 request flag
6
IQ8
external interrupt 8 request flag
5
IQ7
external interrupt 7 request flag
4
IQ6
external interrupt 6 request flag
3
IQ5
external interrupt 5 request flag
2
IQ4
external interrupt 4 request flag
1
IQ3
external interrupt 3 request flag
0
IQ2
external interrupt 2 request flag
76543210
IX9
IX8
IX7
IX6
IX5
IX4
IX3
IX2
BIT
SYMBOL
DESCRIPTION
7 to 0
IX9 to IX2
external interrupt 9 to 2 polarity level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com