Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 30 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 26Page - Analog Devices LTC7813 Datasheet HTML 27Page - Analog Devices LTC7813 Datasheet HTML 28Page - Analog Devices LTC7813 Datasheet HTML 29Page - Analog Devices LTC7813 Datasheet HTML 30Page - Analog Devices LTC7813 Datasheet HTML 31Page - Analog Devices LTC7813 Datasheet HTML 32Page - Analog Devices LTC7813 Datasheet HTML 33Page - Analog Devices LTC7813 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
30 of 59
Figure 52. Pass-Thru Regions vs. VINP
Transitioning Between Operating Modes
It is possible to dynamically transition between pass-thru mode and CCM or DCM operation by toggling the MODE1
and/or MODE2 pins. While in CCM or DCM operation, the FB1 and FB2 pins are internally connected with a low
resistance switch. In pass-thru mode, this switch is disabled after start-up, allowing the feedback pins to move
independently. When exiting pass-thru mode, the FB1 and FB2 pins will once again be connected. By scaling the
relative magnitudes of R2B, R2A, R1B, and R1Aresistors, the fixed output voltage in CCM or DCM operation can be placed
at any desired voltage between the VOUT(BUCK) and VOUT(BOOST) voltages that define the top and bottom of the pass-thru
window (Figure 53). Cycling into and out of pass-thru mode allows the user to exchange a wider output voltage
tolerance for no switching losses or noise as the conditions in the application change.
Figure 53. Output Voltage when Exiting Pass-Thru Mode
Enable and Start-Up
The LT8210-1 start-up sequence is shown in Figure 54.
When the voltage on the EN/UVLO pin is less than the turn-on threshold (typically 1.45V), the LT8210-1 is in a low
power shutdown mode where the internal GATEVCC and VDDregulators are disabled, and the quiescent current of the
VIN and VINP pins drops to approximately 1μA. When the EN/UVLO voltage is pulled above 1.45V, the GATEVCC and VDD
regulators are activated. After both the GATEVCC and VDD voltages have risen beyond their undervoltage lockout
thresholds (typical values of 3.95V and 2.94V, respectively), the internal charge pump will begin sourcing current from
BUCK REGION
BOOST REGION
LOW-IQ PASS-THRU REGION
(VOUT = VINP)
BUCK-BOOST
(VOUT = VOUT(BUCK))
BUCK-BOOST
VOUT(BUCK)
VOUT(BOOST)
19%
16%
7%
7%
VINP
(VOUT = VOUT(BOOST))
FB2
FB1
LT8210-1
R1A
R1B
VOUT
R2A
R2B
VOUT(BUCK) = 1.00V ×
R2A + R2B
R2B
VOUT = 1.00V ×
(R1A R2A) + (R1B R2B)
R1B R2B
VOUT(BOOST) = 1.00V ×
R1A + R1B
R1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com