Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 22Page - Analog Devices LTC7813 Datasheet HTML 23Page - Analog Devices LTC7813 Datasheet HTML 24Page - Analog Devices LTC7813 Datasheet HTML 25Page - Analog Devices LTC7813 Datasheet HTML 26Page - Analog Devices LTC7813 Datasheet HTML 27Page - Analog Devices LTC7813 Datasheet HTML 28Page - Analog Devices LTC7813 Datasheet HTML 29Page - Analog Devices LTC7813 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
26 of 59
Pass-Thru Mode
In pass-thru mode, the respective output voltages for the buck and boost loops, VOUT(BUCK) and VOUT(BOOST), are
programmed independently. The output voltage is regulated to a window defined by a minimum at VOUT(BOOST) and a
maximum at VOUT(BUCK). VOUT(BUCK) is set with a resistive divider between VOUT, FB2, and GND. The FB2 voltage is
compared with the 1.00V system reference, and the resulting output of amplifier A2, VC2, controls the inductor current
when the buck loop is active. Similarly, VOUT(BOOST) is set with a resistive divider between VOUT, FB1, and GND. The
voltage on FB1 is compared with the 1.00V system reference using amplifier A1, and the resulting output on the VC1
pin controls the inductor current when the boost loop is active. The boost loop will control the inductor current and
regulate the output to VOUT(BOOST) when VINP is less than or equal to VOUT(BOOST). Likewise, when the input voltage is
greater than or equal to VOUT(BUCK), the buck loop will control the inductor current and regulate the output to VOUT(BUCK).
Near the boundaries of the pass-thru window, interleaved buck-boost switching is used to avoid pulse-skipping.
When the input is between VOUT(BOOST) and VOUT(BUCK), both top switches will turn on continuously once VOUT has settled
close in value to VINP. In this state, VOUT follows VINP, and the LT8210-1 enters a power saving mode with typical
quiescent currents on the VIN and VINP pins of 4µA and 18µA, respectively. Switching will recommence if the SNSP1 –
SNSN1 voltage exceeds 63mV (typical) to limit the maximum inductor current. Similarly, if a current regulation loop
is implemented, switching will resume when the IMON pin voltage approaches 1.01V. With no switching losses and
an extremely low quiescent current, it is possible to achieve efficiencies greater than 99.9% in the pass-thru region.
Power Switch Control (CCM, DCM Operation)
The LT8210-1 is a current mode buck-boost controller that regulates the output voltage above, equal to, or below
the input voltage. The LTC® proprietary topology and control architecture employs a current-sensing resistor in
series with the inductor that is used for current mode control and provides clean transitions between buck, buck-
boost, and boost switching regions. When the LT8210-1 is configured for CCM or DCM operation, the inductor current
is controlled by the voltage on the VC1 pin. If a current regulation loop is implemented, then the VC1 voltage will be
controlled by either the sensed feedback voltage (FB1) or the sensed current when the IMON pin voltage approaches
1.01V. Figure 47 shows a simplified diagram of how the power switches A, B, C, and D are connected to the inductor
L, the current sense resistor RSENSE, the power input VINP, the power output VOUT, and ground. Switches A and B form
the synchronous buck power stage, while switches C and D form the synchronous boost power stage. The current
sense resistor RSENSE is connected to the SNSP1 and SNSN1 pins and provides the inductor current information for
both current mode control and reverse current detection. Figure 48 shows the switching region as a function of the
VINP/VOUT ratio. The power switches are controlled to smoothly transition between switching regions, with hysteresis
added to prevent chattering between modes.
Figure 47. Simplified Diagram of the Power Switches
TG1
BG1
TG2
BG2
A
B
D
C
L
SW1
SW2
VINP
VOUT
RSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com