Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 10Page - Analog Devices LTC7813 Datasheet HTML 11Page - Analog Devices LTC7813 Datasheet HTML 12Page - Analog Devices LTC7813 Datasheet HTML 13Page - Analog Devices LTC7813 Datasheet HTML 14Page - Analog Devices LTC7813 Datasheet HTML 15Page - Analog Devices LTC7813 Datasheet HTML 16Page - Analog Devices LTC7813 Datasheet HTML 17Page - Analog Devices LTC7813 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
14 of 59
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
Pin 1
SYNC/SPRD
External Clock Synchronization Input. For external sync, apply a clock signal
between 80kHz and 400kHz to this pin. An internal PLL will synchronize the
oscillator to the external clock signal. Connect this pin to the VDD pin to
enable spread-spectrum operation on the RT set switching frequency;
otherwise, connect to ground.
Pin 2
PWGD
Power Good Indicator. Open-drain logic output, which is pulled to ground
when the output voltage is outside ±10% of its programmed value or the
IMON pin voltage is greater than 1.20V. This pin can be connected to any
voltage rail up to 40V through a pull-up resistor. Using either VDD or GATEVCC
for the pull-up supply has the advantage that PWGD will be in the correct
state when the part is disabled.
Pin 3
RT
Frequency Set Pin. Place a resistor from this pin to GND to set the switching
frequency. The range of frequency adjustment is between 80kHz and
400kHz. See Table 2 in Applications Information section.
Pin 5
VDD
Internally Regulated 3.3V Supply Rail. Bypass this pin to ground with a
minimum of a 2.2µF ceramic capacitor. VDD can be used for tying MODE1,
MODE2, and SYNC/SPRD pins logic high.
Pin 6
SS
Soft-Start Input. A capacitor to ground at this pin sets the ramp rate of the
inductor current at start-up via internal clamping of the VC1 and VC2 voltages.
The SS pin sources 5µA once switching is enabled and is held at ground
while switching is disabled.
Pin 7
IMON
Average Current Summing and Sharing Output. Outputs a current
proportional to the SNSP2 and SNSN2 differential voltages. Connect this pin
to a 11kΩ resistor to ground and to the IMON pins of multiple LT8210-1 for
current sharing. An RC filter between IMON pins can resolve noise issues due
to local ground voltage variation.
Pin 8
VC1
Error Amplifier Output and Switching Regulator Compensation Point for CCM
and DCM Operations. In pass-thru mode, this pin is the compensation point
for the boost regulator loop. The current mode comparator trip point
increases with this control voltage.
Pin 9
VC2
Error Amplifier Output and Switching Regulator Compensation Point for
Buck Loop When in pass-thru mode. The current mode comparator trip point
increases with this control voltage. If pass-thru mode is not used, leave VC2
floating.
Pin 10
FB2
Error Amplifier Feedback Input for Buck Regulation Loop When in pass-thru
mode. Receives the feedback voltage for the buck controller from an
external resistive divider across the output. If pass-thru mode is not used,
leave this pin floating.
Pin 11
FB1
Error Amplifier Feedback Input for CCM and DCM Operation Modes.
Feedback input for the boost regulation loop in pass-thru mode. Receives
the feedback voltage from an external resistive divider across the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com