Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 23Page - Analog Devices LTC7813 Datasheet HTML 24Page - Analog Devices LTC7813 Datasheet HTML 25Page - Analog Devices LTC7813 Datasheet HTML 26Page - Analog Devices LTC7813 Datasheet HTML 27Page - Analog Devices LTC7813 Datasheet HTML 28Page - Analog Devices LTC7813 Datasheet HTML 29Page - Analog Devices LTC7813 Datasheet HTML 30Page - Analog Devices LTC7813 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
27 of 59
Figure 48. Switching Region vs. VINP/VOUT Ratio
Power Switch Control: Buck Region (V
INP > 1.19 • VOUT)
When VINP is greater than VOUT by 19% (typical) or more, the part will run in the buck region. In the buck region, switch
D is always on while switch C is always off. Switches A and B will toggle on and off, acting as a synchronous buck
regulator. If the inductor current drops below the reverse current sense threshold in DCM or the negative current
sense threshold in CCM, switch B will be turned off for the remainder of the switching cycle, preventing the inductor
current from falling any further. See Figure 49.
Power Switch Control: Boost Region (V
INP < 0.84 • VOUT)
When VINP is less than VOUT by more than 16%, the part will run in the boost region. In this region, switch A is always
on while switch B is always off. Switches C and D will toggle on and off, acting as a synchronous boost regulator. The
on-time of switch D will be terminated if the inductor current drops below the reverse current sense threshold in DCM
or the negative current sense threshold in CCM. See Figure 50.
Power Switch Control: Buck-Boost Region (0.84 • V
OUT < VINP < 1.19 • VOUT)
When VINP is within –16% to +19% of VOUT, the part operates in the buck-boost region, where all four power switches
(A, B, C, and D) are active. The buck-boost region can be thought of as an over-lapping of the buck and boost control
regions where the buck and boost regulation loops both control the inductor current. The sharing of inductor current
control between the buck and boost loops avoids abrupt handoffs within the buck-boost region that can perturb the
inductor current and output voltage. The on-time of switches B and D will be terminated if the inductor current drops
below the reverse current sense threshold in DCM or the negative current sense threshold in CCM. See Figure 51.
BUCK
(1)
(2)
(2)
BOOST
BUCK-BOOST
VINP/VOUT
0.87
0.84
1.00
1.16
1.19
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com