Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 6Page - Analog Devices LTC7813 Datasheet HTML 7Page - Analog Devices LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices LTC7813 Datasheet HTML 10Page - Analog Devices LTC7813 Datasheet HTML 11Page - Analog Devices LTC7813 Datasheet HTML 12Page - Analog Devices LTC7813 Datasheet HTML 13Page - Analog Devices LTC7813 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
10 of 59
(Specifications are at TA = 25°C. VIN = 12V, VINP = 12V, VEN/UVLO = 3.3V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Negative Current
Sense Threshold
(VSNSP1 – VSNSN1)
VSNS_NEG
CCM Operating Mode (MODE1 =
MODE2 = 0V)
–55
mV
MOSFET Gate Drivers
TG1, TG2 Gate Driver
Pull-Up Resistance
RTG_PU
3
Ω
TG1, TG2 Gate Driver
Pull-Down Resistance
RTG_PD
1
Ω
BG1, BG2 Gate Driver
Pull-Up Resistance
RBG_PU
2.6
Ω
BG1, BG2 Gate Driver
Pull-Down Resistance
RBG_PD
1
Ω
TG1, TG2 Rise Time
TTG_RISE
CLOAD= 3300pF (10% to 90%)
30
ns
TG1, TG2 Fall Time
TTG_FALL
CLOAD= 3300pF (10% to 90%)
20
ns
BG1, BG2 Rise Time
TBG_RISE
CLOAD = 3300pF (10% to 90%)
20
ns
BG1, BG2 Fall Time
TBG_FALL
CLOAD= 3300pF (10% to 90%)
25
ns
TG Off to BG On-Delay
TTGBG_DEL
CLOAD = 3300pF
60
ns
BG Off to TG On-Delay
TBGTG_DEL
CLOAD = 3300pF
60
ns
Minimum TG1 On-
Time
TTG1_ON
CLOAD = 3300pF
200
ns
Minimum BG2 On-
Time
TBG2_ON
CLOAD = 3300pF
100
ns
BST1, BST2 Bias
Current
IB_BST1
Top Gate High, VBST – VSW = 10V
6
µA
IB_BST2
Top Gate High, VBST – VSW = 10V,
PassThru Mode
0.6
BST1, BST2 Charging
Current
IQ_BST1
Non-Switching, VBST– VSW = 8.25V
50
µA
IQ_BST2
Non-Switching, VBST – VSW = 3V
610
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com