Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 35Page - Analog Devices LTC7813 Datasheet HTML 36Page - Analog Devices LTC7813 Datasheet HTML 37Page - Analog Devices LTC7813 Datasheet HTML 38Page - Analog Devices LTC7813 Datasheet HTML 39Page - Analog Devices LTC7813 Datasheet HTML 40Page - Analog Devices LTC7813 Datasheet HTML 41Page - Analog Devices LTC7813 Datasheet HTML 42Page - Analog Devices LTC7813 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
39 of 59
������������������(������������������������������������������) =
(260+(5.5∙������������������������))∙������������������������������������
������
(6)
Setting the switching frequency to fSW(OPTIMAL)has a host of benefits, including optimized loop stability, optimized line
rejection, and a flat average maximum inductor current across the duty cycle and switching region.
RT Set Switching Frequency
The switching frequency of the LT8210-1 is set with a resistor from the RT pin to the ground. Table 5 shows switching
frequency versus RT for 1% resistor values. The minimum and maximum switching frequencies are internally limited
should the RT resistor be shorted (typically fSW = 700kHz) or opened (typically fSW = 45kHz). It is strongly recommended
to use an RT resistor even when LT8210-1 is synchronized to an external clock using the SYNC/SPRD pin. If the
synchronization signal is lost, the LT8210-1 will revert to the RT set value within approximately 20μs.
Table 5. Switching Frequency vs. RT Value (1% Resistor)
RT (kΩ)
fSW (kHz)
RT (kΩ)
fSW (kHz)
16.2
411
41.2
190
16.9
397
13.2
184
17.8
379
45.2
177
18.7
364
47.5
171
20.0
343
49.9
165
21.0
329
52.3
160
22.1
315
54.9
155
23.2
300
59.0
147
24.3
289
64.9
138
25.5
277
71.5
130
26.7
267
78.7
122
28.0
257
86.6
115
29.4
247
95.3
109
30.9
237
100
105
32.4
229
110
100
34.0
220
121
95
35.7
212
133
90
37.4
205
150
85
39.2
200
174
80
Frequency Synchronization
The LT8210-1 switching frequency can be synchronized to an external clock using the SYNC/SPRD pin. The threshold
of the SYNC/SPRD receiver makes it compatible with standard 1.8V to 5.0V logic levels. Because an internal phase-
locked loop (PLL) is used, there is no restriction between the synchronization frequency and the RT set oscillator
frequency. The LT8210-1 is designed to transition seamlessly between the RT set switching frequency and the
external synchronization clock. If the SYNC/SPRD signal drops below 50kHz or stops altogether, the LT8210-1 will
revert to the RT set frequency within 20μs (typical). Setting the RT programmed frequency near the synchronization
frequency is recommended to maintain normal switching should the external clock signal be lost. When a
synchronization clock is first applied, the internal PLL may take 50μs or more to settle within 5% of the external clock
frequency. When the clock synchronization feature is not used, connect SYNC/SPRD to VDD to enable spread-
spectrum modulation; otherwise, connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com