Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices LTC7813 Datasheet HTML 10Page - Analog Devices LTC7813 Datasheet HTML 11Page - Analog Devices LTC7813 Datasheet HTML 12Page - Analog Devices LTC7813 Datasheet HTML 13Page - Analog Devices LTC7813 Datasheet HTML 14Page - Analog Devices LTC7813 Datasheet HTML 15Page - Analog Devices LTC7813 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
12 of 59
ABSOLUTE MAXIMUM RATINGS
TA = 25°C (6), unless otherwise specified.
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
VIN, EN/UVLO Voltage
–40V to 100V
DG Voltage
–40V to 113V
DG – VIN Voltage
–0.3V to 13V
VINP, VOUT, SNSP2, SNSN2 Voltage
–0.3V to 100V
SNSP1 – SNSN1, SNSP2 – SNSN2 Voltage
–0.5V to 0.5V
BST1, BST2 Voltage
–0.3V to 115V
SW1, SW2, SNSP1, SNSN1 Voltage (4)
100V
BST1 – SW1, BST2 – SW2 Voltage
–0.3V to 15V
BST1 – SNSP1, BST1 – SNSN1 Voltage
–0.3V to 15V
TG1, TG2, BG1, BG2
(2)
GATEVCC Voltage
–0.3V to 15V
EXTVCC, PWGD Voltage
–0.3V to 40V
MODE1, MODE2, SYNC/SPRD Voltage
–0.3V to 6V
FB1, FB2, IMON, RT Voltage
–0.3V to 6V
VDD
–0.3V to 6V
VC1, VC2, SS Voltage (5)
–0.3V to VDD
Operating Junction Temperature LT8210A-1 (1, 3)
–40°C to 125°C
Storage Temperature Range
–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
300°C
.
1
The LT8210A-1 is guaranteed to meet performance specifications from -40°C to 125°C junction temperature.
2
Do not apply a voltage or current source to these pins. They must be connected to capacitive load only,
otherwise permanent damage may occur.
3
This IC includes overtemperature protection that is intended to protect the device during momentary overload
conditions. Junction temperature will exceed the maximum operating junction temperature when
overtemperature protection is active. Continuous operation above the specified maximum operating junction
temperature range may impair the device reliability.
4
Negative voltages on the SW1, SW2, SNSP1, and SNSN1 pins are limited, in an application, by the body diodes of
the external NMOS devices, MB and MC, or parallel Schottky diodes when present. These pins are tolerant of
these negative voltages in excess of one diode drop below ground, guaranteed by design.
5
Do not force voltage on the VC1, VC2, or SS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com