Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 28Page - Analog Devices LTC7813 Datasheet HTML 29Page - Analog Devices LTC7813 Datasheet HTML 30Page - Analog Devices LTC7813 Datasheet HTML 31Page - Analog Devices LTC7813 Datasheet HTML 32Page - Analog Devices LTC7813 Datasheet HTML 33Page - Analog Devices LTC7813 Datasheet HTML 34Page - Analog Devices LTC7813 Datasheet HTML 35Page - Analog Devices LTC7813 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
32 of 59
high (e.g., MODE1, MODE2, and SYNC/SPRD) and as the pull-up supply for the PWGD pin. The VDD regulator has a 9mA
current limit. For powering external loads other than those described from the VDD rail, contact the factory for
support.
Figure 55. GATEVCC Current Limit vs. VINP, EXTVCC
Reverse Input Protection
The LT8210-1 includes optional reverse input protection down to –40V. To implement a power N-channel MOSFET,
it should be placed with its source connected to VIN, its drain connected to VINP, and its gate connected to the DG pin.
When the voltage at the VIN drops below –1.2V (typical), the DG pin is clamped to the VIN pin through an internal 30Ω
(typical) switch. With its gate and source shorted, the external MOSFET is forced into cutoff, disconnecting VINP and
downstream circuitry from the input and preventing damage. The VIN, DG, and EN/UVLO pins are all able to withstand
voltages down to –40V without damage or excessive current flow. If polarized capacitors are used for input filtering,
they should be placed on the VINP side of the DG MOSFET. During normal operation, the DG – VIN voltage is charged to
approximately 8.5V via the internal charge pump in order to fully enhance the MOSFET. Switching will be disabled if
the DG – VIN voltage drops below 2.1V (typical) and re-enabled when it exceeds 2.8V (typical). The DG undervoltage
lockout is intended to prevent excessive power dissipation in the DG MOSFET when it is not enhanced and current
conducts through its body diode. The internal charge pump is able to source up to 180μA from the DG pin for fast
charging and minimal delay at start-up. If reverse input protection is not needed, VINP should be connected to VIN
directly or through a small RC filter (e.g., 1Ω, 1μF), and a 1nF, 25V ceramic capacitor should be placed between the
DG and VIN pins.
Figure 56. Implementing Reverse Input Protection
FROM VINP
FROM EXTVCC
VOLTAGE (V)
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
+
POWER INPUT
–40V TO +100V
TO DRAIN OF
SWITCH A
VIN
DG
VINP
LT8210-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com