Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 41 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 37Page - Analog Devices LTC7813 Datasheet HTML 38Page - Analog Devices LTC7813 Datasheet HTML 39Page - Analog Devices LTC7813 Datasheet HTML 40Page - Analog Devices LTC7813 Datasheet HTML 41Page - Analog Devices LTC7813 Datasheet HTML 42Page - Analog Devices LTC7813 Datasheet HTML 43Page - Analog Devices LTC7813 Datasheet HTML 44Page - Analog Devices LTC7813 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
41 of 59
Figure 65. Conducted Average EMI Comparison (AM Band) Example
Figure 66. Switching Waveforms with Spread-Spectrum Enabled
Power MOSFET Selection
The LT8210-1 requires four external N-channel power MOSFETs (switches A, B, C, and D in Figure 60). The gate drive
voltage of the LT8210-1 is typically greater than 10V allowing the use of both logic-level and standard-level threshold
devices. The MOSFET maximum VBR(DSS) and drain current (ID) ratings should exceed the worst-case voltage and
current conditions of the application, with an added margin for safety. The maximum continuous drain current of a
power MOSFET is de-rated as a function of temperature, with that information commonly available in the data sheet.
It is important to consider power dissipation when selecting power MOSFETs. The most efficient circuit will use
MOSFETs that dissipate the least amount of power. Dissipated power and the resulting temperature rise in external
components will set the upper bound on the power that can be delivered by the LT8210-1. MOSFET power dissipation
comes from two primary components: (1) I2R conduction losses when the switch is fully turned on and drain current
is flowing, and (2) power dissipated while the switch is turning on or off. Conduction losses are independent of
frequency. Switching losses, on the other hand, scale with frequency and voltage. Generally speaking, conduction
losses are dominant at higher currents and lower voltages, whereas switching losses tend to dominate at lower
currents and higher voltages. Accurately predicting MOSFET power dissipation is a complex problem that is best
suited to efficiency calculators such as those included in LTpowerCAD® II. That being said, efficiency calculators are
no substitute for real-world measurements. The following section provides approximations of the main source(s) of
FREQUENCY (MHz)
0.15
0.65
1.15
1.65
2.15
2.65
3.15
0
10
20
30
40
50
60
70
RBW = 10kHz
5.5dB
5.4dB
8.9dB
9.3dB
SPREAD OFF
SPREAD ON
40µs/DIV
SW2
50V/DIV
IL
2A/DIV
VOUT (AC)
100mV/DIV
VIN = 20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com