Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 19Page - Analog Devices LTC7813 Datasheet HTML 20Page - Analog Devices LTC7813 Datasheet HTML 21Page - Analog Devices LTC7813 Datasheet HTML 22Page - Analog Devices LTC7813 Datasheet HTML 23Page - Analog Devices LTC7813 Datasheet HTML 24Page - Analog Devices LTC7813 Datasheet HTML 25Page - Analog Devices LTC7813 Datasheet HTML 26Page - Analog Devices LTC7813 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
23 of 59
Figure 35. Pass-Thru Negative Surge (Figure 79)
Figure 36. Pass-Thru Current Limit (Figure 79)
Figure 37. Pass-Thru IMON Limit (Figure 79)
Figure 38. GATEVCC Max Current vs. Voltage
Figure 39. GATEVCC Backdrive Current
Figure 40. EXTVCC, VINP, Switchover Thresholds for
GATEVCC Regulation
VOUT = VIN = 28V
VOUT = 22V
VIN = 12V
400µs/DIV
VIN
5V/DIV
VOUT
5V/DIV
IL
2A/DIV
VIN = 28V
40µs/DIV
VOUT
20V/DIV
IOUT
10A/DIV
IL
10A/DIV
SW1
20V/DIV
VIN = 28V
1ms/DIV
VOUT
20V/DIV
IMON
500mV/DIV
IOUT
5A/DIV
IL
5A/DIV
VGATEV
CC = 9V
FROM VINP
FROM EXTVCC
VOLTAGE (V)
0
15
30
45
60
75
90
105
120
135
1
2
3
4
5
6
7
8
9
10
10
20
30
40
50
60
70
80
90
100
VGATEV
CC = 10V
VINP = VEXTV
CC = 0V
TO EXTVCC PIN
TO VINP PIN
TEMPERATURE (°C)
0
10
20
30
40
–40
0
40
80
120
EXTVCC RISING
EXTVCC FALLING
VINP RISING
VINP FALLING
TEMPERATURE (°C)
6
7
8
9
10
–60
–30
0
30
60
90
120
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com