Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 40 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 40 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 36Page - Analog Devices LTC7813 Datasheet HTML 37Page - Analog Devices LTC7813 Datasheet HTML 38Page - Analog Devices LTC7813 Datasheet HTML 39Page - Analog Devices LTC7813 Datasheet HTML 40Page - Analog Devices LTC7813 Datasheet HTML 41Page - Analog Devices LTC7813 Datasheet HTML 42Page - Analog Devices LTC7813 Datasheet HTML 43Page - Analog Devices LTC7813 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
40 of 59
Figure 63. Transition from RT Set Frequency to Synchronization
Figure 64. Transition from Synchronization to RT Set Frequency
Spread-Spectrum Frequency Modulation
Switching regulators can be particularly troublesome for applications where electromagnetic interference (EMI) is a
concern. To improve EMI performance, the LT8210-1 includes a user-selectable triangular frequency modulation
scheme. When the SYNC/SPRD pin is tied to the VDD spread spectrum, functionality is enabled. The LT8210-1 will
slowly spread fSW between the nominal RT set frequency to 112.5% of that value. Figure 65 and Figure 66 demonstrate
the difference in the noise spectrum and switching waveforms with the spread spectrum feature enabled.
10µs/DIV
SYNC
1V/DIV
SW1
20V/DIV
SW2
20V/DIV
IL
2A/DIV
10µs/DIV
SYNC
1V/DIV
SW1
20V/DIV
SW2
20V/DIV
IL
2A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com