Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 56 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 56 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 51Page - Analog Devices LTC7813 Datasheet HTML 52Page - Analog Devices LTC7813 Datasheet HTML 53Page - Analog Devices LTC7813 Datasheet HTML 54Page - Analog Devices LTC7813 Datasheet HTML 55Page - Analog Devices LTC7813 Datasheet HTML 56Page - Analog Devices LTC7813 Datasheet HTML 57Page - Analog Devices LTC7813 Datasheet HTML 58Page - Analog Devices LTC7813 Datasheet HTML 59Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
56 of 59
TYPICAL APPLICATIONS
4-Phase; 12V CCM and DCM Operation; 8V to 16V Pass-Thru
Figure 79. Typical Application, 4-Phase Schematic
MOD
DIV
PM
SET
OUT3
OUT4
OUT2
OUT1
GND
LTC6902
V+
24.3kΩ
B
2.2μH
VOUT
VIN
1.5mΩ
0.1μF
2MΩ
287kΩ
D
2mΩ
10nF
11kΩ
100kΩ
A
C
FB2
TG1 BST1 SW1 BG1
SNSP1 SNSN1 PGND
BG2 SW2 BST2 TG2
LT8210-1
EXTVCC
FB1
IMON
PWGD
SNSP2
VOUT
SNSN2
0.1μF
499Ω
VC1
GND
SS
220pF
33nF
1.02kΩ
0.1μF
2MΩ
133kΩ
VDD
49.9Ω
49.9Ω
0.1μF
15kΩ
100kΩ
CLK1
CLK2
CLK3
CLK4
71.5kΩ
VC2
220pF
10nF
4.02kΩ
15kΩ
CLK1
BST1
BST2
MODE 1
MODE 2
4.7μF
SYNC/
SPRD
DG
EN/UVLO
GATEVCC
VDD
VDD
LT8210-1 OPERATING MODES
MODE 2
LOW
LOW
HIGH
HIGH
MODE 1
LOW
HIGH
LOW
HIGH
OPERATING MODE
CCM
DCM
DO NOT USE
PASS-THRU
MODE1
VINP
MODE2
VIN
4.7μF
0.1μF
DG
DBST1
DBST2
CCM, DCM: 12V
PASS-THRU:
8V TO 16V
8V TO 36V
B
2.2μH
1.5mΩ
0.1μF
2MΩ
287kΩ
D
2mΩ
10nF
11kΩ
100kΩ
A
C
FB2
TG1 BST1 SW1 BG1
SNSP1 SNSN1 PGND
BG2 SW2 BST2 TG2
LT8210-1
EXTVCC
FB1
IMON
PWGD
SNSP2
VOUT
SNSN2
0.1μF
499Ω
VC1
GND
SS
220pF
33nF
1.02kΩ
0.1μF
2MΩ
133kΩ
VDD
49.9Ω
49.9Ω
0.1μF
15kΩ
100kΩ
71.5kΩ
VC2
220pF
10nF
4.02kΩ
15kΩ
CLK2
BST1
BST2
4.7μF
SYNC/
SPRD
DG
EN/UVLO
GATEVCC
VDD
MODE1
VINP
MODE2
VIN
4.7μF
DG
DBST1
DBST2
B
2.2μH
1.5mΩ
0.1μF
2MΩ
287kΩ
D
2mΩ
10nF
11kΩ
100kΩ
A
C
FB2
TG1 BST1 SW1 BG1
SNSP1 SNSN1 PGND
BG2 SW2 BST2 TG2
LT8210-1
EXTVCC
FB1
IMON
PWGD
SNSP2
VOUT
SNSN2
0.1μF
499Ω
VC1
GND
SS
220pF
33nF
1.02kΩ
0.1μF
2MΩ
133kΩ
VDD
49.9Ω
49.9Ω
0.1μF
15kΩ
100kΩ
71.5kΩ
VC2
220pF
10nF
4.02kΩ
15kΩ
CLK3
BST1
BST2
4.7μF
SYNC/
SPRD
DG
EN/UVLO
GATEVCC
VDD
MODE1
VINP
MODE2
VIN
4.7μF
DG
DBST1
DBST2
B
2.2μH
1.5mΩ
0.1μF
2MΩ
287kΩ
D
2mΩ
10nF
11kΩ
100kΩ
A
C
FB2
TG1 BST1 SW1 BG1
SNSP1 SNSN1 PGND
BG2 SW2 BST2 TG2
LT8210-1
EXTVCC
FB1
IMON
PWGD
SNSP2
VOUT
SNSN2
0.1μF
499Ω
VC1
GND
SS
220pF
33nF
1.02kΩ
0.1μF
2MΩ
133kΩ
VDD
49.9Ω
49.9Ω
0.1μF
15kΩ
100kΩ
71.5kΩ
VC2
220pF
10nF
4.02kΩ
15kΩ
CLK4
BST1
BST2
4.7μF
SYNC/
SPRD
DG
EN/UVLO
GATEVCC
VDD
MODE1
VINP
MODE2
VIN
4.7μF
DG
DBST1
DBST2
RT
39.2kΩ
RT
39.2kΩ
RT
39.2kΩ
RT
39.2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com