Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 29 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 25Page - Analog Devices LTC7813 Datasheet HTML 26Page - Analog Devices LTC7813 Datasheet HTML 27Page - Analog Devices LTC7813 Datasheet HTML 28Page - Analog Devices LTC7813 Datasheet HTML 29Page - Analog Devices LTC7813 Datasheet HTML 30Page - Analog Devices LTC7813 Datasheet HTML 31Page - Analog Devices LTC7813 Datasheet HTML 32Page - Analog Devices LTC7813 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
29 of 59
Figure 51. Buck-Boost Region Switching Waveforms
Power Switch Control (Pass-Thru Mode)
In pass-thru mode, the buck and boost regulation loops function independently after start-up. Separate error amps
are used to create a pass-thru window by setting the output voltage for the buck regulation, VOUT(BUCK), higher than
the programmed output voltage for boost regulation, VOUT(BOOST). Figure 52 shows the switching regions in pass-thru
mode versus input voltage.
When VINP >> VOUT(BUCK), the LT8210-1 operates in the buck region. In this region, switch D is always on while switch C
is always off, switches A and B will toggle on and off, acting as a synchronous buck regulator with the output at
VOUT(BUCK). When VIN is between 93% to 119% of VOUT(BUCK), switch D will also begin switching to avoid the need for pulse
skipping. Switch C will alternate with D in this region. When VINP << VOUT(BOOST) switch A is always on while switch B is
always off, switches C and D toggle on and off, acting as a synchronous boost regulator to maintain the output at
VOUT(BOOST). When VIN is between 84% to 107% of VOUT(BOOST), switch A will also begin switching, alternating with switch
B. When VINP is between VOUT(BOOST)and VOUT(BUCK), the output voltage will track the input. Once VOUT has settled close to
VINP, the LT8210-1 will enter a low power state where switches A and D are turned on continuously and switches B
and C are off. In pass-thru mode, reverse current is handled in a similar manner to DCM while switching. In the non-
switching state, reverse-current is detected through direct comparison of the VINP and VOUTvoltages. If the voltage on
VOUT exceeds that on VINP by a set percentage, switches A, C, and D are turned off and the output is only reconnected
after it has discharged to be nearly equal to VINP. If a positive line transient occurs while in the non-switching pass-
thru window causing VINP to exceed VOUT by a set percentage, switching will recommence to prevent large amplitude
ringing in the inductor current. The output will be driven to the input voltage in a manner similar to soft-start and
switches A and D will turn on continuously again after VOUT settles close to VINP.
A
B
C
D
IL
VINP – VOUT
L
–VOUT
L
VINP
L
A + D
A + C
A + C
B + D
B + D
A + D
A + D
A + D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com