Electronic Components Datasheet Search
  English  ▼

X  

SAA7780 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 48Page - NXP Semiconductors SAA7780 Datasheet HTML 49Page - NXP Semiconductors SAA7780 Datasheet HTML 50Page - NXP Semiconductors SAA7780 Datasheet HTML 51Page - NXP Semiconductors SAA7780 Datasheet HTML 52Page - NXP Semiconductors SAA7780 Datasheet HTML 53Page - NXP Semiconductors SAA7780 Datasheet HTML 54Page - NXP Semiconductors SAA7780 Datasheet HTML 55Page - NXP Semiconductors SAA7780 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
52
Game Port (Joystick) Base Address - GMBASE (RW/RO)
Subsystem Vendor ID - SUBVENID (RO)
PCI CFG 1
D31
D30
D29
D28
D27
D26
D25
D24
Offset 10h
GMBASE[31:24]
POR Value
0
0
0
0
0
0
0
0
D23
D22
D21
D20
D19
D18
D17
D16
GMBASE[23:16]
POR Value
0
0
0
0
0
0
0
0
D15
D14
D13
D12
D11
D10
D9
D8
GMBASE[15:8]
POR Value
0
0
0
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
GMBASE[7:3]
R
R
IO
POR Value
0
0
0
0
0
0
0
1
Bit
Name
R/W
Function
31:3
GMBASE
RW
Game port programmable base address. The address should be on a 8 byte
boundary. For reference, the game port legacy base address is 201h.
2:1
R
RO
Reserved. These bits are reserved and always return zeros for plug and play.
0
IO
RO
I/O flag. This read only bit indicates that this is an I/O range.
PCI CFG 1
D15
D14
D13
D12
D11
D10
D9
D8
Offset 2Ch
SUBVEN_ID[15:8]
POR Value
0
0
0
1
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
SUBVEN_ID[7:0]
POR Value
0
0
0
0
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com