Electronic Components Datasheet Search
  English  ▼

X  

SAA7780 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 55Page - NXP Semiconductors SAA7780 Datasheet HTML 56Page - NXP Semiconductors SAA7780 Datasheet HTML 57Page - NXP Semiconductors SAA7780 Datasheet HTML 58Page - NXP Semiconductors SAA7780 Datasheet HTML 59Page - NXP Semiconductors SAA7780 Datasheet HTML 60Page - NXP Semiconductors SAA7780 Datasheet HTML 61Page - NXP Semiconductors SAA7780 Datasheet HTML 62Page - NXP Semiconductors SAA7780 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
59
CACHELINE Size Register - CACHELINE (RO)
Master Latency Timer Register - LATIME (RW)
Header Type Register - HEADER (RO)
Bit
Name
R/W
Function
23:16
BASE_CLASS
RO
The base class of 07h describes simple communication devices.
15:8
SUB_CLASS
RO
The sub class of 00h describes serial controllers.
7:0
PGM_IFACE
RO
The interface of 02h details a 16550 compatible serial controller.
PCI CFG 2
D7
D6
D5
D4
D3
D2
D1
D0
Offset 0Ch
CACHELINE[7:0]
POR Value
0
0
0
0
0
0
0
0
Bit
Name
R/W
Function
7:0
CACHELINE
RO
Reserved for cache line size indicator.
PCI CFG 2
D7
D6
D5
D4
D3
D2
D1
D0
Offset 0Dh
LATIME[7:0]
POR Value
0
0
0
0
0
0
0
0
Bit
Name
R/W
Function
7:0
LATIME
RO
The primary bus latency timer specifies the number of primary clocks that the
primary master may consume. It is set to zero since the 16650 UART is a
target only.
PCI CFG 2
D7
D6
D5
D4
D3
D2
D1
D0
Offset 0Eh
MULTI_
FN
HEADER[6:0]
POR Value
1
0
0
0
0
0
0
0
Bit
Name
R/W
Function
7
MULTI_FN
RO
For the SAA7780, function 2, this bit has no meaning.
6:0
HEADER
RO
Header Type. A 00h indicates this device is not a PCI-to-PCI bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com