Electronic Components Datasheet Search
  English  ▼

X  

SAA7780 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 50Page - NXP Semiconductors SAA7780 Datasheet HTML 51Page - NXP Semiconductors SAA7780 Datasheet HTML 52Page - NXP Semiconductors SAA7780 Datasheet HTML 53Page - NXP Semiconductors SAA7780 Datasheet HTML 54Page - NXP Semiconductors SAA7780 Datasheet HTML 55Page - NXP Semiconductors SAA7780 Datasheet HTML 56Page - NXP Semiconductors SAA7780 Datasheet HTML 57Page - NXP Semiconductors SAA7780 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
54
Interrupt PIN Register - INTPIN (RO)
MIN_GNT Register - MINGNT (RO)
MAX_LAT Register - MAXLAT (RO)
Bit
Name
R/W
Function
7:0
INTLINE
RO
Interrupt Line. The Interrupt Line register is an eight bit register used to
communicate interrupt line routing information. The value in this register tells
which input of the system interrupt controller(s) the SAA7780 Device's
interrupt pin is connected to. It is set to 00h to use function 0’s interrupt line.
There is no legacy interrupt support for function 1.
PCI CFG 1
D7
D6
D5
D4
D3
D2
D1
D0
Offset 3Dh
INTPIN[7:0]
POR Value
0
0
0
0
0
0
0
0
Bit
Name
R/W
Function
7:0
INTPIN
RO
Interrupt Pin. The interrupt pin register tells which interrupt the SAA7780
device uses. The read only value of 00h implies that the SAA7780 device
shares the INT A interrupt pin with function 0. There is no legacy interrupt
support for function 1.
PCI CFG 1
D7
D6
D5
D4
D3
D2
D1
D0
Offset 3Eh
MINGNT[7:0]
POR Value
0
0
0
0
0
0
0
0
Bit
Name
R/W
Function
7:0
MINGNT
RO
Minimum grant specifies how long of a burst period the device needs
assuming a clock speed of 33MHz. Since the SAA7780, function 1, is a
target only, this register is read only and set to zero.
PCI CFG 1
D7
D6
D5
D4
D3
D2
D1
D0
Offset 3Fh
MAXLAT[7:0]
POR Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com