Electronic Components Datasheet Search
  English  ▼

X  

SAA7780 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 33Page - NXP Semiconductors SAA7780 Datasheet HTML 34Page - NXP Semiconductors SAA7780 Datasheet HTML 35Page - NXP Semiconductors SAA7780 Datasheet HTML 36Page - NXP Semiconductors SAA7780 Datasheet HTML 37Page - NXP Semiconductors SAA7780 Datasheet HTML 38Page - NXP Semiconductors SAA7780 Datasheet HTML 39Page - NXP Semiconductors SAA7780 Datasheet HTML 40Page - NXP Semiconductors SAA7780 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
37
Master Latency Timer Register - Latime (RW)
Header Type Register - Header (RO)
BIST Register - BIST (RO)
Bit
Name
R/W
Function
7:0
CACHELINE
RO
Reserved for cache line size indicator.
PCI CFG 0
D7
D6
D5
D4
D3
D2
D1
D0
Offset 0Dh
LATIME[7:0]
POR Value
0
0
0
0
0
0
0
0
Bit
Name
R/W
Function
7:0
LATIME
RW
The primary bus latency timer specifies the number of primary clocks that the
primary master may consume. The timer is reloaded at each assertion of
FRAME# by the primary master. If the primary master loses its bus grant,
then it must relinquish the bus after the timer expires.
PCI CFG 0
D7
D6
D5
D4
D3
D2
D1
D0
Offset 0Eh
MULTI_
FN
HEADER[6:0]
POR Value
1
0
0
0
0
0
0
0
Bit
Name
R/W
Function
7
MULTI_FN
RO
A 1 indicates that the SAA7780 is a multi-function device. The three PCI
configuration headers are accessed by the configuration cycle address bits
10-8. The function definitions are as follows:
0 = Audio Subsystem
1 = Joystick
2 = 16650 UART
6:0
HEADER
RO
Header Type. A 00h indicates this device is a not a PCI-to-PCI bridge.
PCI CFG 0
D7
D6
D5
D4
D3
D2
D1
D0
Offset 0Fh
BIST
START
R
R
CODE[3:0]
POR Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com