Electronic Components Datasheet Search
  English  ▼

X  

SAA7780 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 51Page - NXP Semiconductors SAA7780 Datasheet HTML 52Page - NXP Semiconductors SAA7780 Datasheet HTML 53Page - NXP Semiconductors SAA7780 Datasheet HTML 54Page - NXP Semiconductors SAA7780 Datasheet HTML 55Page - NXP Semiconductors SAA7780 Datasheet HTML 56Page - NXP Semiconductors SAA7780 Datasheet HTML 57Page - NXP Semiconductors SAA7780 Datasheet HTML 58Page - NXP Semiconductors SAA7780 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
55
PCI Configuration Space 2
The following table is a summary of all the PCI configuration space registers. The registers that are block-mates with
the PCI interface (offset 00h - 3Ch) will be detailed following this table. The remainder of the registers will be detailed
with the blocks they control. This register space is for the 16650 UART.
PCI Configuration Space 2 Register Map
Vendor ID Register - VENDOR_ID (RO)
Bit
Name
R/W
Function
7:0
MAXLAT
RO
Maximum latency specifies how often a device needs to gain access to the
PCI bus. The SAA7780, function 1, is a target only, this register is read only
and set to zero.
Byte 3
Byte 2
Byte 1
Byte 0
Offset
Device ID
Vendor ID
00h
Status
Command
04h
Class Code
Revision ID
08h
BIST
Header Type
Master Latency Timer
Cache Line Size
0Ch
UARTBASE
10-13h
Reserved
14-2B
Subsystem ID
Subsystem Vendor ID
2Ch
Reserved
30-3Bh
Max_Lat
Min_Gnt
Interrupt Pin
Interrupt Line
3Ch
Reserved
Reserved
Reserved
UARTCFG0
40h
Reserved
Reserved
Reserved
SFCR
44h
Reserved
48-FFh
PCI CFG 2
D15
D14
D13
D12
D11
D10
D9
D8
Offset 00h
VENDOR_ID[15:8]
POR Value
0
0
0
1
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
VENDOR_ID[7:0]
POR Value
0
0
0
0
0
1
0
0
Bit
Name
R/W
Function
15:0
VENDOR_ID
RO
The PCI Vendor ID for Philips Semiconductors (VLSI Technology) is 1004h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com