Electronic Components Datasheet Search
  English  ▼

X  

SAA7780 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 26Page - NXP Semiconductors SAA7780 Datasheet HTML 27Page - NXP Semiconductors SAA7780 Datasheet HTML 28Page - NXP Semiconductors SAA7780 Datasheet HTML 29Page - NXP Semiconductors SAA7780 Datasheet HTML 30Page - NXP Semiconductors SAA7780 Datasheet HTML 31Page - NXP Semiconductors SAA7780 Datasheet HTML 32Page - NXP Semiconductors SAA7780 Datasheet HTML 33Page - NXP Semiconductors SAA7780 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
30
FIGURE 5
In each of the three SAA7780 functions PCI configuration space there is a Subsystem Vendor ID register at an offset of
2Ch and a Subsystem ID register at an offset of 2Eh. Each register is 16 bits in length and is write-only by the serial
EEPROM and read-only from the PCI interface. The data from the EEPROM is loaded into the registers immediately
after PCI reset. If no EEPROM is detected, the default values are loaded as shown and reflect the default values for the
System ID and Vendor ID for that function.
Subsystem Register Default Values
The EEPROM contains bits 000h through 3FFh. Only bits 000h through 05Fh are utilized to program the Subsystem ID
and Subsystem Vendor ID registers. The bit assignments between the EEPROM and the configuration registers are
shown below.
EEPROM BIT Assignments to Subsystem Registers
Function
Device Type
Offset
Register Name
Default Value
0
Audio Subsystem
2Ch
Subsystem Vendor ID
1004h
0
Audio Subsystem
2Eh
Subsystem ID
0304h
1
Joystick
2Ch
Subsystem Vendor ID
1004h
1
Joystick
2Eh
Subsystem ID
0305h
2
16650 UART
2Ch
Subsystem Vendor ID
1004h
2
16650 UART
2Eh
Subsystem ID
0306h
Function 0 - Audio Subsystem
Function 1 - Joystick
Function 2 - 16650 Modem UART
Subsystem
Vendor ID - Offset
2Ch
Subsystem ID -
Offset 2Eh
Subsystem
Vendor ID - Offset
2Ch
Subsystem ID -
Offset 2Eh
Subsystem
Vendor ID - Offset
2Ch
Subsystem ID -
Offset 2Eh
EEPROM
Bit #
Reg
Bit #
EEPROM
Bit #
Reg
Bit #
EEPROM
Bit #
Reg
Bit #
EEPROM
Bit #
Reg
Bit #
EEPROM
Bit #
Reg
Bit #
EEPROM
Bit #
Reg
Bit #
000h
15
010h
15
020h
15
030h
15
040h
15
050h
15
001h
14
011h
14
021h
14
031h
14
041h
14
051h
14
002h
13
012h
13
022h
13
032h
13
042h
13
052h
13
ThunderBird
EEPROM
CFGDAT
CFGCLK
SDA
SCL
WP
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com