Electronic Components Datasheet Search
  English  ▼

X  

SAA7780 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 62Page - NXP Semiconductors SAA7780 Datasheet HTML 63Page - NXP Semiconductors SAA7780 Datasheet HTML 64Page - NXP Semiconductors SAA7780 Datasheet HTML 65Page - NXP Semiconductors SAA7780 Datasheet HTML 66Page - NXP Semiconductors SAA7780 Datasheet HTML 67Page - NXP Semiconductors SAA7780 Datasheet HTML 68Page - NXP Semiconductors SAA7780 Datasheet HTML 69Page - NXP Semiconductors SAA7780 Datasheet HTML 70Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 69 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
69
DC Characteristics of CMOS Outputs
DC Current Drive of Non-Standard Outputs1
VOL
Low-Level Output Voltage
0.4
V
VDD = min, IOL = 2mA
Symbol
Parameter
Min
Max
Units
Test Condition
VOH
High-Level Output Voltage
VDD-0.2
V
VDD = min, IOH = -100uA
VOL
Low-Level Output Voltage
0.2
V
VDD = min, IOL = 100uA
Symbol
Parameter
Min
Max
Units
Test Condition
IOL
MIDI and Memory Interface
Output Sink
8
mA
VOUT = 0.4V
IOH
MIDI and Memory Interface
Output Source
12
mA
VOUT = 2.4V
IOL
UART, GPIO, Music DAC,
and Serial Configuration
Output Sink
4
mA
VOUT = 0.4V
IOH
UART, GPIO, Music DAC,
and Serial Configuration
Output Source
7
mA
VOUT = 2.4V
1. Refer to the PCI LOCAL BUS SPECIFICATION, revision 2.1, June 1995 for DC current capabilities on the PCI bus.
Refer to the Audio Codec’97 Specification, revision 1.02, for DC current capabilities on the AC-Link interface.
Symbol
Parameter
Min
Max
Units
Test Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com