Electronic Components Datasheet Search
  English  ▼

X  

SAA7780 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 62Page - NXP Semiconductors SAA7780 Datasheet HTML 63Page - NXP Semiconductors SAA7780 Datasheet HTML 64Page - NXP Semiconductors SAA7780 Datasheet HTML 65Page - NXP Semiconductors SAA7780 Datasheet HTML 66Page - NXP Semiconductors SAA7780 Datasheet HTML 67Page - NXP Semiconductors SAA7780 Datasheet HTML 68Page - NXP Semiconductors SAA7780 Datasheet HTML 69Page - NXP Semiconductors SAA7780 Datasheet HTML 70Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
68
DC Characteristics
All parameters apply across the recommended operating temperature range unless noted.
Recommended Operating Conditions
DC Characteristics of CMOS and TTL Inputs
Note 1: For conditions shown as ‘min’or ‘max’, use the appropriate value shown in DC Characteristics of TTL/CMOS
Outputs.
Note 2: Excluding common Input/Output terminals.
DC Characteristics of Joystick Axis Inputs
DC Characteristics of TTL Outputs
Power Dissipation
PD
500mW
*Refer to Section 3.1 to ensure proper power supply sequencing as well as voltage ranges.
+Items in parenthesis are non-operating conditions.
Symbol
Parameter
Min
Max
Units
Notes
TA
Ambient Temperature
0
+70
°C
VDD
Ring Power Supply
3.15
3.63
V
VSS = 0V typical
NWELL
5V Tolerant Supply
4.75
5.50
V
See IMPORTANT notes on
previous page.
VIN
Input Signal Voltage
0
5.50
V
For 5.0V tolerant inputs only.
VIN
Input Signal Voltage
0
VDD+.3
V
For 3.3V signal inputs only.
VOUT
Output Voltage Active
0
VDD
V
Symbol
Parameter
Min
Max
Units
Test Condition (Note 1)
VIH
High-Level Input Voltage
2.0
NWELL
V
VOUT ≥ VOH (min) or
VOUT ≤VOL (max)
VIL
Low-Level Input Voltage
-0.3
0.8
V
IIN
Input Current
± 5
uA
VIN = 0V or VIN = VDD (Note 2)
Symbol
Parameter
Min
Max
Units
Test Condition (Note 1)
VIH
High-Level Input Voltage
2.8
NWELL
V
VOUT ≥ VOH (min) or
VOUT ≤VOL (max)
VIL
Low-Level Input Voltage
-0.3
0.4
V
Symbol
Parameter
Min
Max
Units
Test Condition
VOH
High-Level Output Voltage
2.4
V
VDD = min, IOH = -2mA
Condition
Symbol
Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com