Electronic Components Datasheet Search
  English  ▼

X  

SAA7780 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 53Page - NXP Semiconductors SAA7780 Datasheet HTML 54Page - NXP Semiconductors SAA7780 Datasheet HTML 55Page - NXP Semiconductors SAA7780 Datasheet HTML 56Page - NXP Semiconductors SAA7780 Datasheet HTML 57Page - NXP Semiconductors SAA7780 Datasheet HTML 58Page - NXP Semiconductors SAA7780 Datasheet HTML 59Page - NXP Semiconductors SAA7780 Datasheet HTML 60Page - NXP Semiconductors SAA7780 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
57
Status Register - STATUS (RO/RW)
4
MEM_INV_EN
RO
Memory Write and Invalidate Enable: Always returns 0.
3
SPEC_CNTL
RO
Special Cycle Control: Controls the devices ability to respond to Special
Cycle Operations. A value of 0 causes the SAA7780, function 2 to ignore all
Special Cycles.
2
MAST_CNTL
RO
Master Control: The SAA7780, function 2 does not have any master
functions.
1
MEM_CNTL
RO
Memory Response Control: The SAA7780, function 2 does not support target
memory cycles therefore this bit always returns a zero.
0
IO_CNTL
RW
I/O Response Control: Controls the SAA7780, function 2’s response to I/O
space. A value of 0 disables the device response. A value of 1 allows the
device to respond to I/O space accesses.
PCI CFG 2
D15
D14
D13
D12
D11
D10
D9
D8
Offset 06h
R_PERR
S_SERR
SM_
ABORT
RT_
ABORT
ST_
ABORT
DEVSEL_TMG
S_PERR
POR Value
0
0
0
0
0
0
1
0
D7
D6
D5
D4
D3
D2
D1
D0
F_
BK2BK
UDF
MHz66
R
R
R
R
R
POR Value
1
0
0
0
0
0
0
0
Bit
Name
R/W
Function
15
R_PERR
RC
Received Parity Error: When set to 1, this bit indicates that the SAA7780,
function 2 has detected a PCI bus parity error at least once since this bit was
last reset.
14
S_SERR
RC
Signalled System Error: When set to 1, this bit indicates that the SAA7780,
function 2 has reported a system error on the SERR# signal at least once
since this bit was last reset.
13
SM_ABORT
RO
Signalled Master Abort: The SAA7780, function 2, does not act as a master.
12
RT_ABORT
RO
Received Target Abort: The SAA7780, function 2 does not act as a master.
11
ST_ABORT
RC
Signalled Target Abort: When set to 1, this bit indicates that the SAA7780,
function 2 has signalled a target abort at least once since this bit was last
reset.
Bit
Name
R/W
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com