Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0128 Datasheet(PDF) 16 Page - Silicon Storage Technology, Inc

Part # SST85LD0128
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 Datasheet(HTML) 16 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 20Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
16
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
12.0 SOFTWARE INTERFACE
12.1 NANDrive Drive Register Set Definitions and Protocol
This section defines the drive registers for the NANDrive and the protocol used to address them.
12.1.1 NANDrive Addressing
The I/O decoding for an NANDrive is shown in Table 12-1.
12.1.2 NANDrive Registers
The following section describes the hardware registers
used by the host software to issue commands to the
NANDrive. These registers are often collectively referred to
as the Task File registers. The registers are only selectable
through CS3FX#, CS1FX#, and A2-A0 signals.
12.1.2.1 Data Register (Read/Write)
This 16-bit register is used to transfer data blocks between
the device data buffer and the host. It is also the register
through which sector information is transferred on a
Format-Track command. Data transfer can be performed in
PIO mode.
12.1.2.2 Error Register (Read Only)
This register contains additional information about the
source of an error when an error is indicated in bit 0 of the
Status register. The bits are defined as follows:
Symbol
Function
BBK
This bit is set when a Bad Block is detected.
UNC
This bit is set when an Uncorrectable Error is encountered.
IDNF
The requested sector ID is in error or cannot be found.
ABRT
This bit is set if the command has been aborted because of an NANDrive status
condition: (Not Ready, Write Fault, etc.) or when an invalid command has been issued. It
is required that the host retry any media access command (such as Read-Sectors and
Write-Sectors) that ends with an error condition.
AMNF
This bit is set in case of a general error.
12.1.2.3 Feature Register (Write Only)
This register provides information regarding features of the NANDrive that the host can utilize.
TABLE
12-1: Task File Registers
CS3FX#
CS1FX#
A2
A1
A0
Registers
IORD# = 0 (IOWR#=1)
IOWR# = 0 (IORD#=1)
1
0
0
0
0
Data (Read)
Data (Write)
1
0
0
0
1
Error
Feature
1
0
0
1
0
Sector Count
Sector Count
1
0
0
1
1
Sector Number (LBA 7-0)
Sector Number (LBA 7-0)
1
0
1
0
0
Cylinder Low (LBA 15-8)
Cylinder Low (LBA 15-8)
1
0
1
0
1
Cylinder High (LBA 23-16)
Cylinder High (LBA 23-16)
1
0
1
1
0
Drive/Head
Drive/Head
1
0
1
1
1
Status
Command
0
1
1
1
0
Alternate Status
Device Control
0
1
1
1
1
Drive Address
Reserved
T12-1.0 1319
D7
D6
D5
D4
D3
D2
D1
D0
Reset Value
BBK
UNC
0
IDNF
0
ABRT
0
AMNF
0000 0000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com