Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0128 Datasheet(PDF) 36 Page - Silicon Storage Technology, Inc

Part # SST85LD0128
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 Datasheet(HTML) 36 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 40Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
36
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
12.2.1.15 Read-Native-Max-Address - F8H
This command returns the native maximum address. The native maximum address is the highest
address accepted by the device in the factory default condition. The native maximum address is the
maximum address that is valid when using the Set-Max-Address command.
The Read-Native-Max-Address command output will take the following format:
C/D/H
Maximum native LBA bits (27:24) for native max address on the device.
Drive indicates the selected device.
Cyl High
Maximum native LBA bits (23:16) for native max address on the device.
Cyl Low
Maximum native LBA bits (15:8) for native max address on the device.
Sec Num
Maximum native LBA bits (7:0) for native max address on the device.
12.2.1.16 Read-Sector(s) - 20H or 21H
This command reads from 1 to 256 sectors as specified in the Sector Count register. A sector count of
0 requests 256 sectors. The transfer begins at the sector specified in the Sector Number register. When
this command is issued and after each sector of data (except the last one) has been read by the host,
the NANDrive sets BSY, puts the sector of data in the buffer, sets DRQ, clears BSY, and generates an
interrupt. The host then reads the 512 Bytes of data from the buffer.
Bit ->
76543210
Command (7)
F8H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76543210
C/D/H
X
Drive
Native max address (LBA 27:24)
Cyl High
Native max address (LBA 23-16)
Cyl Low
Native max address (LBA 15-8)
Sec Num
Native max address (LBA 7-0)
Sec Cnt
X
Bit ->
76543210
Command (7)
20H or 21H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
Sector Count
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com