Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0128 Datasheet(PDF) 73 Page - Silicon Storage Technology, Inc

Part # SST85LD0128
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 Datasheet(HTML) 73 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 65Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 66Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 67Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 68Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 69Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 70Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 71Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 72Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 73Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 73 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
73
TABLE
16-1: Revision History
Number
Description
Date
00
•
Initial release
Aug 2006
01
•
Changed Package Code from LBS to LBZ on pages 71 and 72
•
Edited Table 3-1 on page 10. Changed VREG cross-reference from footnote 2 to foot-
note 1. Assigned footnote 2 to DNU. In VREG Name and Function, changed 0.1µ to
4.7µ.
•
Edited Table 12-4. Changed Word 21 Default Value from 0200h to 0002H.
•
Edited Table 12-4 on pages 24 and 25. Removed footnotes 3 through 6 and reas-
signed footnotes 1 and 2 throughout the table.
•
Edited Section 12.2.1.6.6 Word 10-19 Serial Number description on page 25
•
Replaced SS755LD019x with NANDrive on page 28
•
Changed Operating Range for Commercial and Industrial VDD and VDDQ from
3.165V to 3.135V
Nov 2006
02
•
Edited the Pin Assignment Figure 3-1 and Table 3-1 to include all NC pins.
Dec 2006
03
•
Added SST85LF0256 and SST85LD0512 globally.
•
Edited Figure 3-1 and Figure 16-1 to replace “S” with “T”.
•
Edited Table 4-1: removed all but 128, 256, and 512 MB capacity settings.
•
Edited Active and Sleep mode parameters in the Features on page 1.
•
Added Table 4-2 Sustained Performance on page 11.
Feb 2007
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com