| Electronic Components Datasheet Search |
|
SST85LD0128 Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST85LD0128 Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc |
|
5 / 73 page ![]() Advance Information NANDrive SST85LD0128 / SST85LD0256 / SST85LD0512 ©2007 Silicon Storage Technology, Inc. S71319-03-000 2/07 5 1.0 GENERAL DESCRIPTION The SST85LD0128/0256/0512 devices contain an integrated ATA Controller and NAND Flash die in a LBGA package. Refer to Figure 2-1 for the NANDrive block diagram. 1.1 Performance-optimized NANDrive The heart of the NANDrive is the ATA Flash Disk Controller which translates standard ATA signals into flash media data and control signals. The following components contribute to the NANDrive’s operation. 1.1.1 Microcontroller Unit (MCU) The MCU translates ATA/IDE commands into data and control signals required for flash media operation. 1.1.2 Internal Direct Memory Access (DMA) The NANDrive uses internal DMA allowing instant data transfer from buffer to flash media. This implementation eliminates microcontroller overhead associated with the traditional, firmware-based approach, thereby increasing the data transfer rate. 1.1.3 Power Management Unit (PMU) The power management unit controls the power consumption of the NANDrive. The PMU dramatically reduces the power consumption of the NANDrive by putting the part of the circuitry that is not in operation into sleep mode. 1.1.4 SRAM Buffer A key contributor to the NANDrive performance is an SRAM buffer. The buffer optimizes the host’s data transfer to and from the flash media. 1.1.5 Embedded Flash File System The embedded flash file system is an integral part of the NANDrive. It contains MCU firmware that performs the following tasks: 1. Translates host side signals into flash media writes and reads. 2. Provides dynamic flash media wear leveling to spread the flash writes across all unused memory address space to increase the longevity of flash media. 3. Keeps track of data file structures. 4. Manages system security for the selected protection zones. 1.1.6 Error Correction Code (ECC) The NANDrive utilizes 72-bit Reed-Solomon Error Detection Code (EDC) and Error Correction Code (ECC), which provides the following error immunity for each 512- byte block of data: 1. Corrects up to three random 12-bit symbol errors. 2. Corrects single bursts up to 25 bits. 3. Detects single bursts up to 61 bits and double bursts up to 15 bits. 4. Detects up to six random 12-bit symbol errors. 1.1.7 Serial Communication Interface (SCI) The Serial Communication Interface (SCI) is designed for manufacturing error reporting. 1.1.8 Multi-tasking Interface The multi-tasking interface enables fast, sustained write performance by allowing concurrent Read, Program, and Erase operations to multiple flash media devices. 1.2 NAND Flash The SST85LD0128/0256/0512 devices utilize standard NAND Flash for data storage. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |