Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0128 Datasheet(PDF) 52 Page - Silicon Storage Technology, Inc

Part # SST85LD0128
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 Datasheet(HTML) 52 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 50Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 51Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 52Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 53Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 54Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 55Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 56Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
52
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
12.2.1.33 Standby-Immediate - 94H or E0H
This command causes the NANDrive to set BSY, enter the Sleep mode (which corresponds to the ATA
“Standby” mode), clear BSY and return the interrupt immediately. Recovery from sleep mode is
accomplished by simply issuing another command (a reset is not required).
12.2.1.34 Translate-Sector - 87H
This command allows the host a method of determining the exact number of times a user sector has
been erased and programmed. The NANDrive responds with a 512 Byte buffer of information
containing the desired cylinder, head, and sector, including its logical address, and the Hot Count, if
available, for that sector. Table 12-14 represents the information in the buffer. Please note that this
command is unique to the NANDrive.
Bit ->
76543210
Command (7)
94H or E0H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76543210
Command (7)
87H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
X
Feature (1)
X
TABLE 12-14: Translate Sector Information
Address
Information
00H-01H
Cylinder MSB (00), Cylinder LSB (01)
02H
Head
03H
Sector
04H-06H
LBA MSB (04) - LSB (06)
07H-12H
Reserved
13H
Erased Flag (FFh) = Erased; 00h = Not Erased
14H-17H
Reserved
18H-1AH
Hot Count MSB (18) - LSB (1A)1
1. A value of 0 indicates Hot Count is not supported.
1BH-1FFH
Reserved
T12-14.0 1319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com