Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0128 Datasheet(PDF) 22 Page - Silicon Storage Technology, Inc

Part # SST85LD0128
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 Datasheet(HTML) 22 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 26Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
22
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
12.2.1.2 Erase-Sector(s) - C0H
The use of this command is not recommended. This command is effectively a no operation; however, it
is supported for backward compatibility.
12.2.1.3 Execute-Drive-Diagnostic - 90H
This command performs the internal diagnostic tests implemented by the NANDrive.
If the Drive bit is ignored and the diagnostic command is executed by both the Master and the Slave
with the Master responding with status for both devices.
The diagnostic codes shown in Table 12-3 are returned in the Error register at the end of the command.
Bit ->
76543210
Command (7)
C0H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
Sector Count
Feature (1)
X
Bit ->
76543210
Command (7)
90H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
TABLE
12-3: Diagnostic Codes
Code
Error Type
01H
No Error Detected
02H
Formatter Device Error
03H
Sector Buffer Error
04H
ECC Circuitry Error
05H
Controlling Microprocessor Error
8XH
Slave Error
T12-3.0 1319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com