Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0128 Datasheet(PDF) 12 Page - Silicon Storage Technology, Inc

Part # SST85LD0128
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 Datasheet(HTML) 12 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 16Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
12
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
7.0 CONFIGURABLE WRITE PROTECT/POWER-DOWN MODES
The WP_PD# pin can be used for either Write Protect
mode or Power-down mode, but only one mode is active at
any time. Either mode can be selected through the host
command, Set-WP_PD#-Mode, explained in Section
12.2.1.31.
Once the mode is set with this command, the device will
stay in the configured mode until the next time this
command is issued. Power-off or reset will not change the
configured mode.
7.1 Write Protect Mode
When the device is configured in the Write Protect mode,
the WP_PD# pin offers extended data protection. This
feature can be either selected through a jumper or host
logic to protect the stored data from inadvertent system
writes or erases, and viruses. The Write Protect feature
protects the full address space of the data stored on the
flash media.
In the Write Protect mode, the WP_PD# pin should be
asserted prior to issuing the destructive commands: Erase-
Sector,
Format-Track,
Write-DMA,
Write-Long-Sector,
Write-Multiple,
Write-Multiple-without-Erase,
Write-
Sector(s), Write-Sector-without-Erase, or Write-Verify. This
will force the NANDrive to reject any destructive commands
from the ATA interface. All destructive commands will return
51H in the Status register and 04H in the Error register
signifying
an
invalid
command.
All
non-destructive
commands will be executed normally.
7.2 Power-down Mode
When the device is configured in the Power-down mode, if
the WP_PD# pin is asserted during a command, the
NANDrive completes the current command and returns to
the standby mode immediately to save power. Afterwards,
the device will not accept any other commands. Only a
Power-on Reset (POR) or hardware reset will bring the
device to normal operation with the WP_PD# pin de-
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com