Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0128 Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

Part # SST85LD0128
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
17
12.1.2.4 Sector Count Register
This register contains the numbers of sectors of data
requested to be transferred on a Read or Write operation
between the host and the NANDrive. If the value in this
register is zero, a count of 256 sectors is specified. If the
command was successful, this register is zero at command
completion. If not successfully completed, the register
contains the number of sectors that need to be transferred
in order to complete the request.
12.1.2.5 Sector Number (LBA 7-0) Register
This register contains the starting sector number or bits 7-0
of the Logical Block Address (LBA) for any NANDrive data
access for the subsequent command.
12.1.2.6 Cylinder Low (LBA 15-8) Register
This register contains the low order 8 bits of the starting
cylinder address or bits 15-8 of the Logical Block Address.
12.1.2.7 Cylinder High (LBA 23-16) Register
This register contains the high order bits of the starting
cylinder address or bits 23-16 of the Logical Block Address.
12.1.2.8 Drive/Head (LBA 27-24) Register
The Drive/Head register is used to select the drive and
head. It is also used to select LBA addressing instead of
cylinder/head/sector addressing. The bits are defined as
follows:
Symbol
Function
LBA
LBA is a flag to select either Cylinder/Head/Sector (CHS) or Logical Block Address mode (LBA).
When LBA=0, Cylinder/Head/Sector mode is selected. When LBA=1, Logical Block Address is
selected. In Logical Block mode, the Logical Block Address is interpreted as follows:
LBA7-LBA0: Sector Number register D7-D0.
LBA15-LBA8: Cylinder Low register D7-D0.
LBA23-LBA16: Cylinder High register D7-D0.
LBA27-LBA24: Drive/Head register bits HS3-HS0.
DRV
DRV is the drive number. When DRV=0 (Master), Master is selected.
When DRV=1 (Slave), Slave is selected.
HS3
When operating in the Cylinder, Head, Sector mode, this is bit 3 of the head number.
It is Bit 27 in the Logical Block Address mode.
HS2
When operating in the Cylinder, Head, Sector mode, this is bit 2 of the head number.
It is Bit 26 in the Logical Block Address mode.
HS1
When operating in the Cylinder, Head, Sector mode, this is bit 1 of the head number.
It is Bit 25 in the Logical Block Address mode.
HS0
When operating in the Cylinder, Head, Sector mode, this is bit 0 of the head number.
It is Bit 24 in the Logical Block Address mode.
D7
D6
D5
D4
D3
D2
D1
D0
Reset Value
1LBA
1
DRV
HS3
HS2
HS1
HS0
1010 0000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com