Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0128 Datasheet(PDF) 62 Page - Silicon Storage Technology, Inc

Part # SST85LD0128
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 Datasheet(HTML) 62 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 58Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 59Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 60Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 61Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 62Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 63Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 64Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 65Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 66Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
62
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
TABLE
13-6: DC Characteristics for Host Interface
Symbol
Type
Parameter
Min
Max
Units
Conditions
VIH1
I1
Input Voltage
2.0V
V
VDDQ=VDDQ Max
VIL1
0.8V
VDDQ=VDDQ Min
IIL1
I1Z
Input Leakage Current
-10
10
uA
VIN = GND to VDDQ,
VDDQ = VDDQ Max
IU1
I1U
Input Pull-Up Current
-110
-1
uA
VOUT = GND,
VDDQ = VDDQ Max
VT+2
I2
Input Voltage Schmitt Trigger
2.0
V
VDDQ=VDDQ Max
VT-2
0.8
VDDQ=VDDQ Min
IIL2
I2Z
Input Leakage Current
-10
10
uA
VIN = GND to VDDQ,
VDDQ = VDDQ Max
IU2
I2U
Input Pull-Up Current
-110
-1
uA
VOUT = GND,
VDDQ = VDDQ Max
VOH1
O1
Output Voltage
2.4
V
IOH1=IOH1 Min
VOL1
0.4
IOL1=IOL1 Max
IOH1
Output Current
-4
mA
VDDQ=VDDQ Min
IOL1
Output Current
4
mA
VDDQ=VDDQ Min
VOH2
O2
Output Voltage
2.4
V
IOH2=IOH2 Min
VOL2
0.4
IOL2=IOL2 Max
IOH2
Output Current
-6
mA
VDDQ=3.135V-3.465V
IOL2
Output Current
6
mA
VDDQ=3.135V-3.465V
IOH2
Output Current
-8
mA
VDDQ=4.5V-5.5V
IOL2
Output Current
8
mA
VDDQ=4.5V-5.5V
VOH6
O6
Output Voltage for DASP# pin
2.4
V
IOH6=IOH6 Min
VOL6
0.4
IOL6=IOL6 Max
IOH6
Output Current for DASP# pin
-3
mA
VDDQ=3.135V-3.465V
IOL6
Output Current for DASP# pin
8
mA
VDDQ=3.135V-3.465V
IOH6
Output Current for DASP# pin
-3
mA
VDDQ=4.5V-5.5V
IOL6
Output Current for DASP# pin
12
mA
VDDQ=4.5V-5.5V
IDD1,2
PWR
Power supply current (TA = 0°C to +70°C)
80
mA
VDD=VDD Max; VDDQ=VDDQ Max
IDD1,2
PWR
Power supply current (TA = -40°C to +85°C)
150
mA
VDD=VDD Max; VDDQ=VDDQ Max
ISP
PWR
Sleep/Standby/Idle current (TA = 0°C to +70°C)
150
µA
VDD=VDD Max; VDDQ=VDDQ Max
ISP
PWR
Sleep/Standby/Idle current (TA = -40°C to +85°C)
250
µA
VDD=VDD Max; VDDQ=VDDQ Max
T13-6.0 1319
1. Sequential data transfer for 1 sector read data from host interface and write data to media.
2. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com